Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAVLC5-4BX4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDAVLC5-4BX4
Description  4 bidirectional Transil diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC5-4BX4 Datasheet(HTML) 6 Page - STMicroelectronics

  ESDAVLC5-4BX4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Recommendation on PCB assembly
ESDAVLC5-4BX4
6/8
DocID023365 Rev 2
3
Recommendation on PCB assembly
3.1
PCB design recommendations
•
PCB pad design: Non solder mask defined
•
PCB pad size: see Figure 12.
•
Solder mask opening: 50 µm between the edge of the pad and the edge of the solder
mask
3.2
Stencil recommendations
•
Stencil aperture: see Figure 12.
•
Stencil thickness: 75 µm
Figure 12. Micro package footprint and stencil (dimensions in mm)
3.3
Solder paste recommendations
Near eutectic 95.8% Sn, 3.5% Ag, 0.7% Cu solder paste, Type 4.
Copper pad dimensions
Solder mask opening
Stencil opening



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com