Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAVLC5-4BX4 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ESDAVLC5-4BX4
Description  4 bidirectional Transil diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC5-4BX4 Datasheet(HTML) 3 Page - STMicroelectronics

  ESDAVLC5-4BX4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DocID023365 Rev 2
3/8
ESDAVLC5-4BX4
Characteristics
8
Figure 3. Leakage current versus junction
temperature (typical values)
Figure 4. Junction capacitance versus reverse
applied voltage (typical values)
IR (nA)
0.01
0.1
1
10
25
50
75
100
125
150
IO/GND
Tj (°C)
0
1
2
3
4
5
6
7
8
9
10
11
12
0.00
2.00
4.00
6.00
8.00
10.00
12.00
14.00
Tj = 25 °C
IO/GND
C (pF)
VR (V)
Figure 5. ESD response to IEC 61000-4-2
(typical values, +8 kV contact discharge)
Figure 6. ESD response to IEC 61000-4-2
(typical values, -8 kV contact discharge)
10 V/div
20 ns/div
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
56 V
22 V
21 V
15 V
1
2
4
3
10 V/div
20 ns/div
-48 V
-15 V
-15 V
-10 V
1
2
4
3
V : ESD peak voltage
V :clamping voltage @ 30 ns
V :clamping voltage @ 60 ns
PP
CL
CL
V :clamping voltage @ 100 ns
CL
1
2
3
4
Figure 7. S21 attenuation measurement
Figure 8. TLP measurement
S21 (dB)
100k
1M
10M
100M
1G
10G
-21
-18
-15
-12
-9
-6
-3
0
IO1
IO2
IO3
IO4
F (Hz)
IPP (A)
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
0
5
10
15
20
25
30
35
40
VCL (V)
GND to I/O
I/O to GND



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com