Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESDAVLC5-4BX4 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDAVLC5-4BX4
Description  4 bidirectional Transil diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDAVLC5-4BX4 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDAVLC5-4BX4 Datasheet HTML 1Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 2Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 3Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 4Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 5Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 6Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 7Page - STMicroelectronics ESDAVLC5-4BX4 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
June 2014
DocID023365 Rev 2
1/8
ESDAVLC5-4BX4
4-line bidirectional Transil™,
transient surge voltage suppressor for ESD protection
Datasheet
− production data
Figure 1. Functional diagram
Features
• 4 bidirectional Transil diodes
• Breakdown voltage V
BR = 5.5 V min.
• Low leakage current: < 50 nA
• Very small PCB area: 0.64 mm2
• Lead-free and RoHS compliant
Complies with the following standards
• IEC 61000-4-2 level 4:
– ±15 kV (air discharge)
– ±8 kV (contact discharge)
Applications
Where transient over voltage protection in ESD
sensitive equipment is required, such as:
• Mobile phones
• Portable multimedia devices and accessories
• Computers, tablets and peripherals
• Set top boxes
• Audio equipment
Description
The ESDAVLC5-4BX4 is monolithic array
designed to protect up to 4 bidirectional lines
against ESD transients.
The device is ideal for applications where both
reduced printed circuit board space and high ESD
protection level are required.
TM: Transil is a trademark of STMicroelectronics
1
2
3
4
GND
4-lead micro package
IO1
IO2
IO3
IO4
GND
www.st.com


Similar Part No. - ESDAVLC5-4BX4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDAVLC5-4BX4 STMICROELECTRONICS-ESDAVLC5-4BX4 Datasheet
3Mb / 32P
ST portfolio for smartphone platforms
Jan-2023
More results

Similar Description - ESDAVLC5-4BX4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6 Datasheet
49Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Jan-2002
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6 Datasheet
50Kb / 5P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
Nov-2002
ITAXXB1 STMICROELECTRONICS-ITAXXB1 Datasheet
69Kb / 6P
BIDIRECTIONAL TRANSIL ARRAY FOR DATALINE PROTECTION
13-Dec-2004
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
17-Jan-2006
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
Bidirectional Transil??array for data line protection
15-Nov-2007
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
Quad bidirectional Transil array for ESD protection
18-Apr-2008
ESDA6V1-4BC6 STMICROELECTRONICS-ESDA6V1-4BC6_04 Datasheet
60Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
ESDA6V1BC6 STMICROELECTRONICS-ESDA6V1BC6_04 Datasheet
59Kb / 6P
QUAD BIDIRECTIONAL TRANSIL SUPPRESSOR FOR ESD PROTECTION
04-Nov-2004
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
Bidirectional Transil array for data line protection
07-Nov-2007
ESDALC5-4BN4 STMICROELECTRONICS-ESDALC5-4BN4 Datasheet
165Kb / 10P
4 bidirectional Transil diodes
18-Jan-2013
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com