Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7771 Datasheet HTML 5Page - Analog Devices AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices AD7771 Datasheet HTML 12Page - Analog Devices AD7771 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Rev. PrC | Page 8 of 13
Parameter
Test Conditions
Comment
Min
Typ
Max
Unit
IOVDD − DGND
2
3.6
V
I_IOVDD
CMOS clock, HR
7.5
mA
CMOS clock, LP
2.5
Power Dissipation
Reference Buffers PreQ,
VCM Enabled, Internal
reference Disabled, Osc
Enabled, SAR Disabled
HR
99
mW
LP
31.5
mW
Reference Buffers Off,
VCM Disabled, Internal
reference Disabled, Osc
Disabled, SAR Disabled
HR
85.5
mW
LP
27.5
mW
Power Down
All ADC’s disable
TBD
Μw
1
AVDDx = 3.3V, AVSSx = GND, IOVDD = 1.8V, CMOS clock
2
Disabling either VCM or Internal Reference would lead to a 40uA current consumption reduction
AD7771
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com