Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices AD7771 Datasheet HTML 12Page - Analog Devices AD7771 Datasheet HTML 13Page - Analog Devices AD7771 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Rev. PrC | Page 12 of 13
Pin No.
Mnemonic
Type
Direction
Description
26
DOUT2
Digital Output IO
Data output pin 2. If the part is configured in daisy-chain mode, this pin acts
as an input pin.
27
DOUT1
Digital Output Output
Data output pin 1
28
DOUT0
Digital Output Output
Data output pin 0
29
DCLK
Digital Output Output
Data Output Clock
30
DRDY
Digital Output Output
Data Output Ready
31
XTAL1
Clock
Input
XTAL1 input connection, If CMOS is used as a clock source, connect tie this
pin to DGND.
32
XTAL2/MCLK
Clock
Input
XTAL2 input connection or CMOS clock
33
START
Digital Input
Input
Synchronization pulse. This pin is used to synchronize internally an
external START asynchronous pulse with MCLK. The synchronize signal is
shift out by SYNC_OUT pin.Tie to DGND is not used.
34
SYNC_OUT
Digital Output Input
Synchronization signal. This pin generates a synchronous pulse
35
SYNC_IN
Digital Input
Input
SYNC_IN reset the internal SINC filters.
36
RESET
Digital Input
Input
Asynchronous Reset Pin. Resets all registers to default value. I
37
AIN7+
Analog Input
Input
Analog Input Channel 7
38
AIN7−
Analog Input
Input
Analog Input Channel 7
39
AIN6+
Analog Input
Input
Analog Input Channel 6
40
AIN6−
Analog Input
Input
Analog Input Channel 6
41
REF2+
Reference
Input
Positive Reference Input 1 for Channels 4 to 7, recommended value REF2
− +
2.5V
42
REF2−
Reference
Input
Negative Reference Input for Channels 4 to 7, typically AVSSx. Connect all
REFx
− pins to the same potential
43
AVDD1B
Supply
Supply
Positive Front End Analog Supply for Channels 4 to 7. This pin should be
connected together with AVDD1A
44
AVSS1B
Supply
Supply
Negative Front End Analog Supply for Channels 4 to 7, typical
-1.65V(Dual Supply) or AGND (Single Supply).
Connect all AVSSx pins together
45
AIN5+
Analog Input
Input
Analog Input Channel 5
46
AIN5−
Analog Input
Input
Analog Input Channel 5
47
AIN4+
Analog Input
Input
Analog Input Channel 4
48
AIN4−
Analog Input
Input
Analog Input Channel 4
49
REF_OUT
Reference
Output
2.5V Reference Output
50
AVSS2B
Supply
Supply
Negative Analog supply. Connect all AVSSx pins together.
51
AReg2Cap
Supply
Output
Analog LDO output. Decouple to AVSS2 with 1uF cap
52
AVDD2B
Supply
Supply
Positive Analog supply, this pin should be connected together with AVDD2A
53
AVSS3
Supply
Supply
Negative Analog Ground. Connect all AVSSx pins together
54
FORMAT1
Digital Input
Input
Output data frame,
55
FORMAT0
Digital Input
Input
Output data frame,
56
CLK_SEL
Digital Input
Input
Select Clock Source,
57
VCM
Analog Output Output
Common Mode Voltage Output,
(AVDD1−AVSS)/2
58
AVDD2A
Supply
Input
Analog supply, from 2.2V to 3.6V. AVSS2x should not be lower than
ARegxCap. AVSS2x should not be lower than ARegxCap.Connected This pin
should be connected together with AVDD2B
59
AReg1Cap
Supply
Output
Analog LDO output. Decouple to AVSS with 1uF cap.
AD7771
Preliminary Technical Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com