Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7771 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7771
Description  8-Ch, 24-Bit Simultaneous Sampling ADC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7771 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7771 Datasheet HTML 6Page - Analog Devices AD7771 Datasheet HTML 7Page - Analog Devices AD7771 Datasheet HTML 8Page - Analog Devices AD7771 Datasheet HTML 9Page - Analog Devices AD7771 Datasheet HTML 10Page - Analog Devices AD7771 Datasheet HTML 11Page - Analog Devices AD7771 Datasheet HTML 12Page - Analog Devices AD7771 Datasheet HTML 13Page - Analog Devices AD7771 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Rev. PrC | Page 11 of 13
Table 4. Pin Description
Pin No.
Mnemonic
Type
Direction
Description
1
AIN0-
Analog Input
Input
Analog Input Channel 0
2
AIN0+
Analog Input
Input
Analog Input Channel 0
3
AIN1
−
Analog Input
Input
Analog Input Channel 1
4
AIN1+
Analog Input
Input
Analog Input Channel 1
5
AVSS1A
Supply
Supply
Negative Front End Analog Supply for Channels 0 to 3, typical
−1.65V(Dual
Supply), and AGND (Single Supply). Connect all AVSSx pins to the same
potential
6
AVDD1A
Supply
Supply
Positive Front End Analog Supply for Channels 0 to 3, typical AVSSx + 3.3V.
This pin should be connected together with AVDD1B.
7
REF1
−
Reference
Input
Negative Reference Input for Channels 0 to 3, typical AVSSx. Connect all
REFx
− pins to the same potential
8
REF1+
Reference
Input
Positive Reference Input 1 for Channels 0 to 3, typical REF1
− +2.5V
9
AIN2
−
Analog Input
Input
Analog Input Channel 2
10
AIN2+
Analog Input
Input
Analog Input Channel 2
11
AIN3
−
Analog Input
Input
Analog Input Channel 3
12
AIN3+
Analog Input
Input
Analog Input Channel 3
13
MODE0/GPIO0
Digital I/O
IO
PIN Control Mode: MODE0 input pin,
SPI Control Mode: Configurable GPIO0. If this pin is not used, connect to
DGND or IOVDD.
14
MODE1/GPIO1
Digital I/O
IO
PIN Control Mode: MODE1 input pin
SPI Control Mode: Configurable GPIO1. If this pin is not used, connect to
DGND or IOVDD.
15
MODE2/GPIO2
Digital I/O
IO
PIN Control Mode: MODE2 input pin,
SPI Control Mode: Configurable GPIO2. If this pin is not used, connect to
DGND or IOVDD.
16
MODE3/ALERT
Digital I/O
IO
PIN Control Mode: MODE3 input pin,
SPI Control Mode: Alert Output Pin
17
CONVST_SAR
Digital Input
Input
Pin Control Mode – ΣΔ output interface selection
SPI Control Mode - SAR Convert Start
18
ALERT/CS
Digital Input
Input
PIN Control Mode: Alert Output Pin
SPI Control Mode: Chip Select
19
DCLK2 / SCLK
Digital Input
Input
PIN Control Mode: DCLK frequency selection,
SPI Control Mode: SPI Clock.
20
DCLK1 / SDI
Digital Input
Input
PIN Control Mode: DCLK frequency selection
SPI Control Mode: SPI Data In. Connect this pin to DGND if the part is
configured in Pin Contro Mode with SPI as data output interface
21
DCLK0 / SDO
Digital Output Output
PIN Control Mode: DCLK frequency selection
SPI Control Mode: SPI Data Out
22
DGND
Supply
Supply
Digital ground
23
DREGCAP
Supply
Output
Digital LDO output. Decouple to DGND with 1uF cap
24
IOVDD
Supply
Supply
IO Digital levels and DLDO supply, from 1.8V to 3.6V. IOVDD should not be
lower than DRegCap.
25
DOUT3
Digital Output IO
Data output pin 3. If the part is configured in daisy-chain mode, this pin acts
as an input pin.
Preliminary Technical Data
AD7771



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com