Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VSC7928 Datasheet(PDF) 1 Page - Vitesse Semiconductor Corporation

Part # VSC7928
Description  SONET/SDH 3.2Gb/s Laser Diode Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VITESSE [Vitesse Semiconductor Corporation]
Direct Link  http://www.vitesse.com
Logo VITESSE - Vitesse Semiconductor Corporation

VSC7928 Datasheet(HTML) 1 Page - Vitesse Semiconductor Corporation

  VSC7928 Datasheet HTML 1Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 2Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 3Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 4Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 5Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 6Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 7Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 8Page - Vitesse Semiconductor Corporation VSC7928 Datasheet HTML 9Page - Vitesse Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
VITESSE
SEMICONDUCTOR CORPORATION
Preliminary Data Sheet
VSC7928
SONET/SDH 3.2Gb/s Laser Diode Driver
G52246-0, Rev 3.0
Page 1
04/05/01
© VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012
Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com
Internet: www.vitesse.com
Features
Applications
General Description
The VSC7928 is a single 5V supply, 3.2Gb/s laser diode driver with direct access to the laser modulation
and bias FETs. Laser bias and modulation currents are set by external components allowing precision monitor-
ing and setting of the current levels. Data density outputs are provided to allow the user to adjust the laser bias
in high unbalanced data applications. Clock and data inputs are differentially terminated to 50
Ω.
VSC7928 Block Diagram
• Rise Times Less Than 100ps
• High Speed Operation
(Up to 3.2Gb/s NRZ Data)
• Differential or Single-Ended Inputs
• Single Supply
• ECL Compatible Clock and Data Inputs
• Direct Access to Modulation and Bias FETs
• Data Density Monitors
• On-chip Reclocking Register
• On-chip Mux for Clocked or Non-clocked Appli-
cations
• On-chip 50
Ω Input Termination: Clock and Data
• Enhanced Pinout
• SONET/SDH @ 622Mb/s, 1.244Gb/s,
2.488Gb/s, and 3.125Gb/s
• Full Speed Fibre Channel (1.062Gb/s)
MK
NMK
IBIAS
NIOUT
IOUT
MIP
VIP
VIB
MIB
DCC
*Terminated to Off-chip Capacitor
**On Die Components
IMOD
IBIAS
M
U
X
SEL
DIN
DINTERM*
50
Ω
DQ
**
50
Ω**
NDIN
CLK
50
Ω
**
50
Ω
**
NCLK
CLKTERM*


Similar Part No. - VSC7928

ManufacturerPart #DatasheetDescription
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923CA VITESSE-VSC7923CA Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KF VITESSE-VSC7923KF Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923KFL VITESSE-VSC7923KFL Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7923X VITESSE-VSC7923X Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
More results

Similar Description - VSC7928

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
logo
Vitesse Semiconductor C...
VSC7927 VITESSE-VSC7927 Datasheet
124Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7940 VITESSE-VSC7940 Datasheet
167Kb / 16P
SONET/SDH 3.125Gb/s Laser Diode Driver with Automatic Power Control
VSC7924 VITESSE-VSC7924 Datasheet
110Kb / 12P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7925 VITESSE-VSC7925 Datasheet
106Kb / 10P
SONET/SDH 2.5Gb/s Laser Diode Driver
VSC7991 VITESSE-VSC7991 Datasheet
105Kb / 10P
SONET/SDH 10.7Gb/s Electroabsorption Modulator/Laser Diode Driver
logo
Micrel Semiconductor
SY88912L MICREL-SY88912L Datasheet
47Kb / 5P
3.3V 3.2Gbps SONET/SDH LASER DRIVER
logo
Vitesse Semiconductor C...
VSC7923 VITESSE-VSC7923 Datasheet
126Kb / 14P
SONET/SDH 2.5Gb/s Laser Diode Driver
logo
Micrel Semiconductor
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
SDH/SONET 2.5Gbps LASER DIODE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com