Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083 Datasheet(PDF) 13 Page - Xicor Inc.

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083 Datasheet(HTML) 13 Page - Xicor Inc.

Back Button X5083 Datasheet HTML 9Page - Xicor Inc. X5083 Datasheet HTML 10Page - Xicor Inc. X5083 Datasheet HTML 11Page - Xicor Inc. X5083 Datasheet HTML 12Page - Xicor Inc. X5083 Datasheet HTML 13Page - Xicor Inc. X5083 Datasheet HTML 14Page - Xicor Inc. X5083 Datasheet HTML 15Page - Xicor Inc. X5083 Datasheet HTML 16Page - Xicor Inc. X5083 Datasheet HTML 17Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
X5083
Characteristics subject to change without notice.
13 of 21
REV 1.1.6 6/25/02
www.xicor.com
POWER-UP TIMING
CAPACITANCE TA = +25°C, f = 1MHz, VCC = 5V.
Notes: (1) VIL min. and VIH max. are for reference only and are not tested.
(2) This parameter is periodically sampled and not 100% tested.
Symbol
Parameter
Min.
Max.
Unit
tPUR
(2)
Power-up to read operation
1
ms
tPUW
(2)
Power-up to write operation
5
ms
Symbol
Test
Max.
Unit
Conditions
COUT
(2)
Output capacitance (SO, RESET, RESET)
8
pF
VOUT = 0V
CIN
(2)
Input capacitance (SCK, SI, CS, WP)
6
pF
VIN = 0V
EQUIVALENT A.C. LOAD CIRCUIT AT 5V VCC
A.C. TEST CONDITIONS
5V
SO
100pF
5V
3.3K
Ω
RESET
30pF
1.64K
Ω
1.64K
Ω
Output
Input pulse levels
VCC x 0.1 to VCC x 0.9
Input rise and fall times
10ns
Input and output timing level
VCC x0.5
A.C. CHARACTERISTICS (Over recommended operating conditions, unless otherwise specified)
Data Input Timing
Symbol
Parameter
2.7V–5.5V
Unit
Min.
Max.
fSCK
Clock frequency
0
3.3
MHz
tCYC
Cycle time
300
ns
tLEAD
CS lead time
150
ns
tLAG
CS lag time
150
ns
tWH
Clock HIGH time
130
ns
tWL
Clock LOW time
130
ns
tSU
Data setup time
20
ns
tH
Data hold time
20
ns
tRI
(3)
Input rise time
2
µs
tFI
(3)
Input fall time
2
µs
tCS
CS deselect time
100
ns
tWC
(4)
Write cycle time
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com