Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083 Datasheet(PDF) 6 Page - Xicor Inc.

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083 Datasheet(HTML) 6 Page - Xicor Inc.

Back Button X5083 Datasheet HTML 2Page - Xicor Inc. X5083 Datasheet HTML 3Page - Xicor Inc. X5083 Datasheet HTML 4Page - Xicor Inc. X5083 Datasheet HTML 5Page - Xicor Inc. X5083 Datasheet HTML 6Page - Xicor Inc. X5083 Datasheet HTML 7Page - Xicor Inc. X5083 Datasheet HTML 8Page - Xicor Inc. X5083 Datasheet HTML 9Page - Xicor Inc. X5083 Datasheet HTML 10Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
X5083
Characteristics subject to change without notice.
6 of 21
REV 1.1.6 6/25/02
www.xicor.com
Write Enable Latch
The device contains a Write Enable Latch. This latch
must be SET before a Write Operation is initiated. The
WREN instruction will set the latch and the WRDI
instruction will reset the latch (Figure 7). This latch is
automatically reset upon a power-up condition and
after the completion of a valid Write Cycle.
Status Register
The RDSR instruction provides access to the status
register. The status register may be read at any time,
even during a write cycle. The status register is format-
ted as follows.
Status Register/Block Lock/WDT Byte
Block Lock Memory
Xicor’s block lock memory provides a flexible mecha-
nism to store and lock system ID and parametric infor-
mation. There are seven distinct block lock memory
areas within the array which vary in size from one page
to as much as half of the entire array. These areas and
associated address ranges are block locked by writing
the appropriate two byte block lock instruction to the
device as described in Table 1 and Figure 9. Once a
block lock instruction has been completed, that block
lock setup is held in the nonvolatile status register until
the next block lock instruction is issued. The sections
of the memory array that are block locked can be read
but not written until block lock is removed or changed.
765
4
3
21
0
0
0
0
WD1
WD0
BL2
BL1
BL0
Table 1. Instruction Set and Block Lock Protection Byte Definition
Instruction Format
Instruction Name and Operation
0000 0110
WREN: set the write enable latch (write enable operation)
0000 0100
WRDI: reset the write enable latch (write disable operation)
0000 0001
Write status instruction—followed by:
Block lock/WDT byte: (See Figure 1)
000WD1 WD2000 --->no block lock: 00h-00h
--->none of the array
000WD1 WD2001 --->block lock Q1: 0000h-00FFh --->lower quadrant (Q1)
000WD1 WD2010 --->block lock Q2: 0100h-01FFh --->Q2
000WD1 WD2011 --->block lock Q3: 0200h-02FFh --->Q3
000WD1 WD2100 --->block lock Q4: 0300h-03FFh --->upper quadrant (Q4)
000WD1 WD2101 --->block lock H1: 0000h-01FFh --->lower half of the array (H1)
000WD1 WD2110 --->block lock P0: 0000h-000Fh --->lower page (P0)
000WD1 WD2111 --->block lock Pn: 03F0h-03FFh --->upper page (PN)
0000 0101
READ STATUS: reads status register & provides write in progress status on SO pin
0000 0010
WRITE: write operation followed by address and data
0000 0011
READ: read operation followed by address
Watchdog Timer
The watchdog timer bits, WD0 and WD1, select the
watchdog time out period. These nonvolatile bits are
programmed with the WRSR instruction. A change to
the Watchdog Timer, either setting a new time out
period or turning it off or on, takes effect, following
either the next command (read or write) or cycling the
power to the device.
The recommended procedure for changing the Watch-
dog Timer settings is to do a WREN, followed by a
write status register command. Then execute a soft-
ware loop to read the status register until the MSB of
the status byte is zero. A valid alternative is to do a
WREN, followed by a write status register command.
Then wait 10ms and do a read status command.
Table 2. Watchdog Timer Definition
Status Register Bits
Watchdog Time Out
(Typical)
WD1
WD0
0
0
1.4 seconds
0
1
600 milliseconds
1
0
200 milliseconds
1
1
disabled (factory default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com