Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X5083 Datasheet(PDF) 7 Page - Xicor Inc.

Part # X5083
Description  CPU Supervisor with 8Kbit SPI EEPROM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X5083 Datasheet(HTML) 7 Page - Xicor Inc.

Back Button X5083 Datasheet HTML 3Page - Xicor Inc. X5083 Datasheet HTML 4Page - Xicor Inc. X5083 Datasheet HTML 5Page - Xicor Inc. X5083 Datasheet HTML 6Page - Xicor Inc. X5083 Datasheet HTML 7Page - Xicor Inc. X5083 Datasheet HTML 8Page - Xicor Inc. X5083 Datasheet HTML 9Page - Xicor Inc. X5083 Datasheet HTML 10Page - Xicor Inc. X5083 Datasheet HTML 11Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
X5083
Characteristics subject to change without notice.
7 of 21
REV 1.1.6 6/25/02
www.xicor.com
Read Sequence
When reading from the EEPROM memory array, CS is
first pulled low to select the device. The 8-bit READ
instruction is transmitted to the device, followed by the
16-bit address. After the READ opcode and address
are sent, the data stored in the memory at the selected
address is shifted out on the SO line. The data stored
in memory at the next address can be read sequen-
tially by continuing to provide clock pulses. The
address is automatically incremented to the next
higher address after each byte of data is shifted out.
When the highest address is reached, the address
counter rolls over to address $0000 allowing the read
cycle to be continued indefinitely. The read operation is
terminated by taking CS high. Refer to the read
EEPROM array sequence (Figure 5).
To read the status register, the CS line is first pulled
low to select the device followed by the 8-bit RDSR
instruction. After the RDSR opcode is sent, the contents
of the status register are shifted out on the SO line.
Refer to the read status register sequence (Figure 6).
Write Sequence
Prior to any attempt to write data into the device, the
“Write Enable” Latch (WEL) must first be set by issuing
the WREN instruction (Figure 7). CS is first taken LOW,
then the WREN instruction is clocked into the device.
After all eight bits of the instruction are transmitted, CS
must then be taken HIGH. If the user continues the write
operation without taking CS HIGH after issuing the
WREN instruction, the write operation will be ignored.
To write data to the EEPROM memory array, the user
then issues the WRITE instruction followed by the 16
bit address and then the data to be written. Any
unused address bits are specified to be “0’s”. The
WRITE operation minimally takes 32 clocks. CS must
go low and remain low for the duration of the operation.
If the address counter reaches the end of a page and
the clock continues, the counter will roll back to the first
address of the same page and overwrite any data that
may have been previously written.
For a write operation (byte or page write) to be com-
pleted, CS can only be brought HIGH after bit 0 of the
last data byte to be written is clocked in. If it is brought
HIGH at any other time, the write operation will not be
completed (Figure 8).
To write to the status register, the WRSR instruction is
followed by the data to be written (Figure 9). Data bits
5, 6 and 7 must be “0”.
Read Status Operation
If there is not a nonvolatile write in progress, the read
status instruction returns the block lock setting from the
status register which contains the watchdog timer bits
WD1, WD0, and the block lock bits IDL2-IDL0 (Figure
6). The block lock bits define the block lock condition
(Table 1). The watchdog timer bits set the operation of
the watchdog timer (Table 2). The other bits are
reserved and will return ’0’ when read. See Figure 6.
During an internal nonvolatile write operaiton, the
Read Status Instruction returns a HIGH on SO in the
first bit following the RDSR instruction (the MSB). The
remaining bits in the output status byte are undefined.
Repeated Read Status Instructions return the MSB as
a ‘1’ until the nonvolatile write cycle is complete. When
the nonvolatile write cycle is completed, the RDSR
instruction returns a ‘0’ in the MSB position with the
remaining bits of the status register undefined. Subse-
quent RDSR instructions return the Status Register
Contents. See Figure 10.
RESET Operation
The RESET output is designed to go LOW whenever
VCC has dropped below the minimum trip point and/or
the watchdog timer has reached its programmable time
out limit.
The RESET output is an open drain output and
requires a pull up resistor.
Operational Notes
The device powers-up in the following state:
– The device is in the low power standby state.
– A HIGH to LOW transition on CS is required to enter
an active state and receive an instruction.
– SO pin is high impedance.
– The write enable latch is reset.
– Reset signal is active for tPURST.
Data Protection
The following circuitry has been included to prevent
inadvertent writes:
– A WREN instruction must be issued to set the write
enable latch.
–CS must come HIGH at the proper clock count in
order to start a nonvolatile write cycle.
– When VCC is below VTRIP, communications to the
device are inhibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com