Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74FST3400DW Datasheet(PDF) 1 Page - ON Semiconductor

Part # 74FST3400DW
Description  4-Bit, 4-Port Bus Exchange Switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74FST3400DW Datasheet(HTML) 1 Page - ON Semiconductor

  74FST3400DW Datasheet HTML 1Page - ON Semiconductor 74FST3400DW Datasheet HTML 2Page - ON Semiconductor 74FST3400DW Datasheet HTML 3Page - ON Semiconductor 74FST3400DW Datasheet HTML 4Page - ON Semiconductor 74FST3400DW Datasheet HTML 5Page - ON Semiconductor 74FST3400DW Datasheet HTML 6Page - ON Semiconductor 74FST3400DW Datasheet HTML 7Page - ON Semiconductor 74FST3400DW Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
January, 2005 − Rev. 5
1
Publication Order Number:
74FST3400/D
74FST3400
4−Bit, 4−Port Bus Exchange
Switch
The ON Semiconductor 74FST3400 is a 4−bit, 4−port bus exchange
switch. The device is CMOS TTL compatible when operating between
4.0 and 5.5 Volts. The device exhibits extremely low RON and adds
nearly zero propagation delay. The device adds no noise or ground
bounce to the system.
Features
• R
ON
t 4 W Typical
• Less Than 0.25 ns−Max Delay Through Switch
• Nearly Zero Standby Current
• No Circuit Bounce
• Control Inputs are TTL/CMOS Compatible
• Pin−For−Pin Compatible With QS3400, FST3400, CBT3400
• All Popular Packages: SOIC−24, TSSOP−24, QSOP−24
• All Devices in Package TSSOP are Inherently Pb−Free*
Figure 1. 24−Lead Pinout
TRUTH TABLE
1
2
3
4
5
6
7
8
9
10
11
12
VCC
D3
B3
A3
C3
D2
B2
A2
C2
NC
BX3
BX2
24
23
22
21
20
19
18
17
16
15
14
13
BE
C0
A0
B0
D0
C1
A1
B1
D1
BX0
BX1
GND
NOTE: H = HIGH Voltage Level, L = LOW Voltage Level, X = Don’t Care,
NOTE: Hi−Z = High Impedance, i = 0, 1, 2 or 3
BE
Function
H
Disconnect
L
Connect
L
Exchange
BX0
X
BX1
X
BXi = L
BXi = H
BX2
X
BX3
X
A0−3
Hi−Z
C0−3
D0−3
B0−3
Hi−Z
D0−3
C0−3
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
A
= Assembly Location
L, WL
= Wafer Lot
Y, YY
= Year
W, WW = Work Week
TSSOP−24
DT SUFFIX
CASE 948H
24
1
QSOP−24
QS SUFFIX
CASE 492B
SOIC−24
DW SUFFIX
CASE 751E
24
1
1
24
FST3400
AWLYWW
MARKING
DIAGRAMS
24
1
24
1
1
24
FST
3400
ALYW
FST3400
AWLYYWW
Description
PIN NAMES
BE
Pin
Bus Enable Input (Active LOW)
Ax, Bx, Cx, Dx
Bus A, Bus B, Bus C, Bus D
OE1, OE2
Bus Exchange (Bit 0)
OE1, OE2
Bus Exchange (Bit 1)
OE1, OE2
Bus Exchange (Bit 2)
OE1, OE2
Bus Exchange (Bit 3)
OE1, OE2
No Connect
OE1, OE2
Ground
OE1, OE2
Power
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
http://onsemi.com


Similar Part No. - 74FST3400DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74FST3400DW ONSEMI-74FST3400DW Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
74FST3400DWR2 ONSEMI-74FST3400DWR2 Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
More results

Similar Description - 74FST3400DW

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI5C3383 PERICOM-PI5C3383 Datasheet
399Kb / 5P
5-Bit, 4-Port Bus Exchange Switch
PI5C3401 PERICOM-PI5C3401 Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
4-Bit, 4-Port Bus Exchange Switch
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com