Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP751 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP751
Description  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP751 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP751 Datasheet HTML 1Page - Toshiba Semiconductor TLP751 Datasheet HTML 2Page - Toshiba Semiconductor TLP751 Datasheet HTML 3Page - Toshiba Semiconductor TLP751 Datasheet HTML 4Page - Toshiba Semiconductor TLP751 Datasheet HTML 5Page - Toshiba Semiconductor TLP751 Datasheet HTML 6Page - Toshiba Semiconductor TLP751 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TLP751
2002-09-25
1
TOSHIBA Photocoupler GaAℓAs Ired + Photo IC
TLP751
Digital Logic Ground Isolation
Line Receiver
Microprocessor System Interfaces
Switching Power Supply Feedback Control
Analog Signal Isolation
The TOSHIBA TLP751 consists of GaAℓAs high−output light
emitting diode and a high speed detector of one chip photo diode−
transistor. This unit is 8−lead DIP.
TLP751 has internal base connection. This base pin should be used for
analog application or enable operation. If base pin is open, output signal
will be noisy by environmental condition. For this case, TLP750 is
suitable.
· Switching speed: tpHL = 0.3µs (typ.)
tpLH = 0.5µs (typ.)(RL=1.9kΩ)
· TTL compatible
· UL recognized: UL1577, file no. E67349
· BSI approved: BS EN60065: 1994,
Certificate no. 7613
BS EN60950: 1992,
Certificate no. 7614
· Isolation voltage: 5000Vrms(min.)
· Option(D4)type
VDE approved: DIN VDE0884 / 06.92,
Certificate no. 68384
Maximum operating insulation voltage: 890VPK
Highest permissible over voltage: 8000VPK
(Note)
When a VDE0884 approved type is needed,
please designate the “Option(D4)”
· Creepage distance: 6.4mm(min.)
Clearance: 6.4mm(min.)
Insulation thickness: 0.4mm(min.)
Pin Configuration(top view)
Schematic
TOSHIBA
11−10C4
Weight: 0.54g
Unit in mm


Similar Part No. - TLP751

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP751 TOSHIBA-TLP751 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
TLP751 TOSHIBA-TLP751_07 Datasheet
499Kb / 7P
GaA?밃s Ired Photo IC
More results

Similar Description - TLP751

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP112 TOSHIBA-TLP112 Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Switching Power Supply Feedback Control Transistor Invertor
TLP112A TOSHIBA-TLP112A Datasheet
159Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Invertor
TLP114A TOSHIBA-TLP114A Datasheet
159Kb / 7P
Digital Logic Isolation. Line Receiver. Power Supply Control Feedback Control. Switching Power Supply. Transistor Invertor.
TLP512 TOSHIBA-TLP512 Datasheet
174Kb / 7P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Inverter
TLP559 TOSHIBA-TLP559 Datasheet
254Kb / 5P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP651 TOSHIBA-TLP651 Datasheet
322Kb / 7P
DIGITAL LOGIC GROUND ISOLATION LINE RECEIVER
TLP759F TOSHIBA-TLP759F Datasheet
113Kb / 2P
Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Transistor Invertor
TLP2531F TOSHIBA-TLP2531F Datasheet
188Kb / 8P
Digital Logic Isolation Line Receiver Power Supply Control Switching Power Supply Transistor Inverter
TLP112ATPLF TOSHIBA-TLP112ATPLF Datasheet
161Kb / 7P
Digital Logic Isolation Line Receiver Power Supply Control Feedback Control Switching Power Supply Transistor Inverter
TLP719 TOSHIBA-TLP719_15 Datasheet
423Kb / 7P
Digital logic ground isolation Line receivers Microprocessor system interfaces Switching power supply feedback control Industrial invertors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com