Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP751 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TLP751
Description  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP751 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TLP751 Datasheet HTML 1Page - Toshiba Semiconductor TLP751 Datasheet HTML 2Page - Toshiba Semiconductor TLP751 Datasheet HTML 3Page - Toshiba Semiconductor TLP751 Datasheet HTML 4Page - Toshiba Semiconductor TLP751 Datasheet HTML 5Page - Toshiba Semiconductor TLP751 Datasheet HTML 6Page - Toshiba Semiconductor TLP751 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLP751
2002-09-25
3
Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF = 16 mA
―
1.65
1.85
V
Forward voltage
Temperature coefficient
∆VF / ∆Ta
IF = 16 mA
―
-2
―
mV / °C
Reverse current
IR
VR = 5 V
―
―
10
µA
Capacitance between
terminal
CT
VF = 0, f = 1 MHz
―
45
―
pF
IOH (1)
IF = 0 mA, VCC = VO = 5.5 V
―
3
500
nA
IOH (2)
IF = 0 mA, VCC = VO = 15 V
―
―
5
High level output
current
IOH
IF = 0 mA, VCC = VO = 15 V
Ta = 70°C
―
―
50
µA
High level supply
voltage
ICCH
IF = 0 mA, VCC = 15 V
―
0.01
1
µA
Current transfer ratio
IO / IF
IF = 16 mA, VCC = 4.5 V
VO = 0.4 V
10
30
―
%
Low level output
voltage
VOL
IF = 16 mA, VCC = 4.5 V
IO = 1.1 mA
―
―
0.4
V
resistance(input
-output)
RS
R.H. ≤ 60%, VS = 500 VDC
(Note7)
1×10
12
10
14
―
Ω
Capacitance
(input
-output)
CS
VS = 0, f = 1 MHz
(Note7)
―
0.8
―
pF
Switching Characteristics (Ta = 25°C, VCC = 5V)
Characteristic
Symbol
Test
Cir-
cuit
Test Condition
Min.
Typ.
Max.
Unit
Propagation delay time
(H→L)
tpHL
IF = 0→16mA, VCC = 5V,
RL = 4.1 kΩ
―
0.2
―
µs
Propagation delay time
(L→H)
tpLH
1
IF = 16→0mA
VCC = 5V, RL = 4.1 kΩ
―
1.0
―
µs
Common mode transient
immunity at logic high
output
(Note 8)
CMH
IF = 0 mA, VCM = 200 Vp-p
RL = 4.1 kΩ
―
400
―
V / µs
Common mode transient
immunity at logic low
output
(Note 8)
CML
2
IF =16 mA
VCM = 200 Vp-p
RL = 4.1 kΩ
―
-1000
―
V / µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com