Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLP751 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP751
Description  Digital Logic Ground Isolation Line Receiver Microprocessor System Interfaces Switching Power Supply Feedback Control Analog Signal Isolation
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP751 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP751 Datasheet HTML 1Page - Toshiba Semiconductor TLP751 Datasheet HTML 2Page - Toshiba Semiconductor TLP751 Datasheet HTML 3Page - Toshiba Semiconductor TLP751 Datasheet HTML 4Page - Toshiba Semiconductor TLP751 Datasheet HTML 5Page - Toshiba Semiconductor TLP751 Datasheet HTML 6Page - Toshiba Semiconductor TLP751 Datasheet HTML 7Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TLP751
2002-09-25
2
Maximum Ratings (Ta = 25°C)
Characteristic
Symbol
Rating
Unit
Forward current
(Note 1)
IF
25
mA
Pulse forward current
(Note 2)
IFP
50
mA
Peak transient forward
current
(Note 3)
IFPT
1
A
Reverse voltage
VR
5
V
Diode power dissipation
(Note 4)
PD
45
mW
Output current
IO
8
mA
Peak output current
IOP
16
mA
Output voltage
VO
-0.5~15
V
Supply voltage
VCC
-0.5~15
V
Base current
IB
5
mA
Output power dissipation
(Note 5)
PO
100
mW
Emitter
-base reverse voltage
VEB
5
V
Operating temperature range
Topr
-55~100
°C
Storage temperature range
Tstg
-55~125
°C
Lead solder temperature(10s)
(Note 6)
Tsol
260
°C
Isolation voltage
(AC,1min.,R.H.≤ 60%)
(Note 7)
BVS
5000
Vrms
(Note 1) Derate 0.8mA above 70°C
(Note 2) 50% duty cycle,1ms pulse width.
Derate 1.6mA / °C above 70°C
(Note 3) Pulse width ≤ 1µs,300pps.
(Note 4) Derate 0.9mW / °C above 70°C
(Note 5) Derate 2mW / °C above 70°C
(Note 6) Soldering portion of lead : up to 2mm from the body of the device.
(Note 7) Device considered a two terminal device: Pins 1,2,3 and 4 shorted together and pins 5,6,7 and 8 shorted
together.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com