Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC36064 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC36064
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC36064 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  HPC36064 Datasheet HTML 1Page - National Semiconductor (TI) HPC36064 Datasheet HTML 2Page - National Semiconductor (TI) HPC36064 Datasheet HTML 3Page - National Semiconductor (TI) HPC36064 Datasheet HTML 4Page - National Semiconductor (TI) HPC36064 Datasheet HTML 5Page - National Semiconductor (TI) HPC36064 Datasheet HTML 6Page - National Semiconductor (TI) HPC36064 Datasheet HTML 7Page - National Semiconductor (TI) HPC36064 Datasheet HTML 8Page - National Semiconductor (TI) HPC36064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
TLDD11372
May 1992
HPC160642606436064460641600426004
3600446004 High-Performance microController
General Description
The HPC46064 and HPC46004 are members of the HPCTM
family of High Performance microControllers Each member
of the family has the same core CPU with a unique memory
and IO configuration to suit specific applications The
HPC46064 has 16k bytes of on-chip ROM The HPC46004
has no on-chip ROM and is intended for use with external
memory Each part is fabricated in National’s advanced
microCMOS technology This process combined with an ad-
vanced architecture provides fast flexible IO control effi-
cient data manipulation and high speed computation
The HPC devices are complete microcomputers on a single
chip All system timing internal logic ROM RAM and IO
are provided on the chip to produce a cost effective solution
for high performance applications On-chip functions such
as UART up to eight 16-bit timers with 4 input capture regis-
ters vectored interrupts WATCHDOGTM logic and MICRO-
WIREPLUSTM provide a high level of system integration
The ability to address up to 64k bytes of external memory
enables the HPC to be used in powerful applications typical-
ly performed by microprocessors and expensive peripheral
chips The term ‘‘HPC46064’’ is used throughout this data-
sheet to refer to the HPC46064 and HPC46004 devices un-
less otherwise specified
The microCMOS process results in very low current drain
and enables the user to select the optimum speedpower
product for his system The IDLE and HALT modes provide
further current savings The HPC is available in 68-pin
PLCC LDCC PGA and 80-pin PQFP package
Features
Y
HPC familycore features
16-bit architecture both byte and word
16-bit data bus ALU and registers
64k bytes of external direct memory addressing
FAST200 ns for fastest instruction when using
200 MHz clock 134 ns at 300 MHz
High code efficiencymost instructions are single
byte
16 x 16 multiply and 32 x 16 divide
Eight vectored interrupt sources
Four 16-bit timercounters with 4 synchronous out-
puts and WATCHDOG logic
MICROWIREPLUS serial IO interface
CMOSvery low power with two power save modes
IDLE and HALT
Y
UARTfull duplex programmable baud rate
Y
Four additional 16-bit timercounters with pulse width
modulated outputs
Y
Four input capture registers
Y
52 general purpose IO lines (memory mapped)
Y
16k bytes of ROM 512 bytes of RAM on-chip
Y
ROMless version available (HPC46004)
Y
Commercial (0 Cto a70 C)
industrial (b40 Cto
a
85 C) automotive (b40 Cto a105 C) and military
(b55 Cto a125 C) temperature ranges
Block Diagram (HPC46064 with 16k ROM shown)
TLDD11372 1
Ser es 32000
and TRI STATE
are registered trademarks of National Semiconductor Corporation
MOLETM HPCTM COPSTM microcontrollers WATCHDOGTM and MICROWIREPLUSTM are trademarks of National Semiconductor Corporation
IBM
and PC AT
are registered trademarks of International Business Machines Corporation
Sun
is a registered trademark of Sun Microsystems
SunOSTM is a trademark of Sun Microsystems
C1995 National Semiconductor Corporation
RRD B30M105Printed in U S A


Similar Part No. - HPC36064

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
HPC36003 NSC-HPC36003 Datasheet
467Kb / 36P
High-Performance microControllers
HPC36083 NSC-HPC36083 Datasheet
467Kb / 36P
High-Performance microControllers
More results

Similar Description - HPC36064

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
83C51KB INTEL-83C51KB Datasheet
273Kb / 19P
HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
8XC151SA INTEL-8XC151SA Datasheet
595Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251SA INTEL-8XC251SA Datasheet
440Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
8XC251TA INTEL-8XC251TA Datasheet
238Kb / 34P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
National Semiconductor ...
HPC36400E NSC-HPC36400E Datasheet
362Kb / 30P
High-Performance Communications MicroController
logo
Renesas Technology Corp
HD6413002 RENESAS-HD6413002 Datasheet
1Mb / 700P
High-performance single-chip microcontroller
logo
Intel Corporation
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
EN80C251TB24 INTEL-EN80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com