Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC46064 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46064
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46064 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  HPC46064 Datasheet HTML 1Page - National Semiconductor (TI) HPC46064 Datasheet HTML 2Page - National Semiconductor (TI) HPC46064 Datasheet HTML 3Page - National Semiconductor (TI) HPC46064 Datasheet HTML 4Page - National Semiconductor (TI) HPC46064 Datasheet HTML 5Page - National Semiconductor (TI) HPC46064 Datasheet HTML 6Page - National Semiconductor (TI) HPC46064 Datasheet HTML 7Page - National Semiconductor (TI) HPC46064 Datasheet HTML 8Page - National Semiconductor (TI) HPC46064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
20 MHz (Continued)
AC Electrical Characteristics
(See Notes 1 and 4 and
Figure 1 through Figure 5 ) VCC
5V g10% TA
0 Cto a70 C for HPC4606446004 b40 Cto
a
85 C for HPC3606436004 b40 Cto a105 C for HPC2606426004 b55 Cto a125 C for HPC1606416004
Symbol and Formula
Parameter
Min
Max
Units
Notes
tDC1ALER
Delay from CKI Rising Edge to
035
ns
(Notes 1 2)
ALE Rising Edge
tDC1ALEF
Delay from CKI Rising Edge to
035
ns
(Notes 1 2)
ALE Falling Edge
tDC2ALER
tC a 20
Delay from CK2 Rising Edge to
45
ns
(Note 2)
ALE Rising Edge
tDC2ALEF
tC a 20
Delay from CK2 Falling Edge to
45
ns
(Note 2)
ALE Falling Edge
tLL
tC b 9
ALE Pulse Width
41
ns
tST
tC b 7
Setup of Address Valid before
18
ns
ALE Falling Edge
tVP
tC b 5
Hold of Address Valid after
20
ns
ALE Falling Edge
tARR
tC b 5
ALE Falling Edge to RD Falling Edge
20
ns
tACC
tC a WS b 55
Data Input Valid after Address Output Valid
145
ns
(Note 6)
tRD
tC a WS b 65
Data Input Valid after RD Falling Edge
85
ns
tRW
tC a WS b 10
RD Pulse Width
140
ns
tDR
tC b 15
Hold of Data Input Valid after
060
ns
RD Rising Edge
tRDA
tC b 15
Bus Enable after RD Rising Edge
85
ns
tARW
tC b 5
ALE Falling Edge to WR Falling Edge
45
ns
tWW
tC a WS b 15
WR Pulse Width
160
ns
tV
tC a WS b 5
Data Output Valid before WR Rising Edge
145
ns
tHW
tC b 5
Hold of Data Valid after WR Rising Edge
20
ns
tDAR
tC a WS b 50
Falling Edge of ALE to
75
ns
Falling Edge of RDY
tRWP
tC
RDY Pulse Width
100
ns
Note
CL
40 pF
Note 1
These AC characteristics are guaranteed with external clock drive on CKI having 50% duty cycle and with less than 15 pF load on CKO with rise and fall
times (tCKIR and tCKIL) on CKI input less than 25 ns
Note 2
Do not design with these parameters unless CKI is driven with an active signal When using a passive crystal circuit its stability is not guaranteed if either
CKI or CKO is connected to any external logic other than the passive components of the crystal circuit
Note 3
tHAE is spec’d for case with HLD falling edge occurring at the latest time it can be accepted during the present CPU cycle being executed If HLD falling
edge occurs later tHAE may be as long as (3 tC a 4WS a 72 tC a 100) may occur depending on the following CPU instruction cycles its wait states and ready
input
Note 4
WS (tWAIT) c (number of preprogrammed wait states) Minimum and maximum values are calculated at maximum operating frequency tC
20 MHz with
one wait state programmed
Note 5
Due to emulation restrictionsactual limits will be better
Note 6
This is guaranteed by design and not tested
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com