Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC46064 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46064
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46064 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  HPC46064 Datasheet HTML 1Page - National Semiconductor (TI) HPC46064 Datasheet HTML 2Page - National Semiconductor (TI) HPC46064 Datasheet HTML 3Page - National Semiconductor (TI) HPC46064 Datasheet HTML 4Page - National Semiconductor (TI) HPC46064 Datasheet HTML 5Page - National Semiconductor (TI) HPC46064 Datasheet HTML 6Page - National Semiconductor (TI) HPC46064 Datasheet HTML 7Page - National Semiconductor (TI) HPC46064 Datasheet HTML 8Page - National Semiconductor (TI) HPC46064 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
30 MHz
AC Electrical Characteristics
(See Notes 1 and 4 and
Figure 1 through Figure 5 ) VCC
5V g10% unless otherwise specified TA
0 Cto a70 C for
HPC4606446004 b40 Cto a85 C for HPC3606436004 b40 Cto a105 C for HPC2606426004 b55 Cto a125 C for
HPC1606416004
Symbol and Formula
Parameter
Min
Max
Units
Notes
fC
CKI Operating Frequency
2
30
MHz
tC1
1fC
CKI Clock Period
33
500
ns
tCKIH
CKI High Time
15
ns
tCKIL
CKI Low Time
166
ns
tC
2fC
CPU Timing Cycle
66
ns
tWAIT
tC
CPU Wait State Period
66
ns
tDC1C2R
Delay of CK2 Rising Edge after CKI Falling Edge
0
55
ns
(Note 2)
tDC1C2F
Delay of CK2 Falling Edge after CKI Falling Edge
0
55
ns
(Note 2)
fU
fC 8
External UART Clock Input Frequency
375
MHz
fMW
External MICROWIREPLUS Clock Input Frequency
1875
MHz
fXIN
fC 22
External Timer Input Frequency
136
MHz
tXIN
tC
Pulse Width for Timer Inputs
66
ns
tUWS
MICROWIRE Setup Time
Master
100
ns
Slave
20
tUWH
MICROWIRE Hold Time
Master
20
ns
Slave
50
tUWV
MICROWIRE Output Valid Time
Master
50
ns
Slave
150
tSALE
tC a 40
HLD Falling Edge before ALE Rising Edge
90
ns
tHWP
tC a 10
HLD Pulse Width
76
ns
tHAE
tC a 85
HLDA Falling Edge after HLD Falling Edge
151
ns
(Note 3)
tHAD
tC a 85
HLDA Rising Edge after HLD Rising Edge
135
ns
tBF
tC a 66
Bus Float after HLDA Falling Edge
99
ns
(Note 5)
tBE
tC a 66
Bus Enable after HLDA Rising Edge
99
ns
(Note 5)
tUAS
Address Setup Time to Falling Edge of URD
10
ns
tUAH
Address Hold Time from Rising Edge of URD
10
ns
tRPW
URD Pulse Width
100
ns
tOE
URD Falling Edge to Output Data Valid
0
60
ns
tOD
Rising Edge of URD to Output Data Invalid
5
35
ns
(Note 6)
tDRDY
RDRDY Delay from Rising Edge of URD
70
ns
tWDW
UWR Pulse Width
40
ns
tUDS
Input Data Valid before Rising Edge of UWR
10
ns
tUDH
Input Data Hold after Rising Edge of UWR
20
ns
tA
WRRDY Delay from Rising Edge of UWR
70
ns
This maximum frequency is attainable provided that this external baud clock has a duty cycle such that the high period includes two (2) falling edges of the CK2
clock
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com