Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HPC46064 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # HPC46064
Description  High-Performance microController
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

HPC46064 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button HPC46064 Datasheet HTML 6Page - National Semiconductor (TI) HPC46064 Datasheet HTML 7Page - National Semiconductor (TI) HPC46064 Datasheet HTML 8Page - National Semiconductor (TI) HPC46064 Datasheet HTML 9Page - National Semiconductor (TI) HPC46064 Datasheet HTML 10Page - National Semiconductor (TI) HPC46064 Datasheet HTML 11Page - National Semiconductor (TI) HPC46064 Datasheet HTML 12Page - National Semiconductor (TI) HPC46064 Datasheet HTML 13Page - National Semiconductor (TI) HPC46064 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Pin Descriptions
The HPC46064 is available only in 68-pin PLCC LDCC
PGA and 80-pin PQFP packages
IO PORTS
Port A is a 16-bit bidirectional IO port with a data direction
register to enable each separate pin to be individually de-
fined as an input or output When accessing external memo-
ry port A is used as the multiplexed addressdata bus
Port B is a 16-bit port with 12 bits of bidirectional IO similar
in structure to Port A Pins B10 B11 B12 and B15 are gen-
eral purpose outputs only in this mode Port B may also be
configured via a 16-bit function register BFUN to individually
allow each pin to have an alternate function
B0
TDX
UART Data Output
B1
B2
CKX
UART Clock (Input or Output)
B3
T2IO
Timer2 IO Pin
B4
T3IO
Timer3 IO Pin
B5
SO
MICROWIREPLUS Output
B6
SK
MICROWIREPLUS Clock (Input or Output)
B7
HLDA
Hold Acknowledge Output
B8
TS0
Timer Synchronous Output
B9
TS1
Timer Synchronous Output
B10
UA0
Address 0 Input for UPI Mode
B11
WRRDY Write Ready Output for UPI Mode
B12
B13
TS2
Timer Synchronous Output
B14
TS3
Timer Synchronous Output
B15
RDRDY
Read Ready Output for UPI Mode
When accessing external memory four bits of port B are
used as follows
B10
ALE
Address Latch Enable Output
B11
WR
Write Output
B12
HBE
High Byte Enable OutputInput
(sampled at reset)
B15
RD
Read Output
Port I is an 8-bit input port that can be read as general
purpose inputs and is also used for the following functions
I0
I1
NMI
Nonmaskable Interrupt Input
I2
INT2
Maskable InterruptInput CaptureURD
I3
INT3
Maskable InterruptInput CaptureUWR
I4
INT4
Maskable InterruptInput Capture
I5
SI
MICROWIREPLUS Data Input
I6
RDX
UART Data Input
I7
Port D is an 8-bit input port that can be used as general
purpose digital inputs
Port P is a 4-bit output port that can be used as general
purpose data or selected to be controlled by timers 4
through 7 in order to generate frequency duty cycle and
pulse width modulated outputs
POWER SUPPLY PINS
VCC1 and
Positive Power Supply
VCC2
GND
Ground for On-Chip Logic
DGND
Ground for Output Buffers
Note
There are two electrically connected VCC pins on the chip GND and
DGND are electrically isolated Both VCC pins and both ground pins
must be used
CLOCK PINS
CKI
The Chip System Clock Input
CKO
The Chip System Clock Output (inversion of
CKI)
Pins CKI and CKO are usually connected across an external
crystal
CK2
Clock Output (CKI divided by 2)
OTHER PINS
WO
This is an active low open drain output that
signals an illegal situation has been detected
by the WATCHDOG logic
ST1
Bus Cycle Status Output indicates first op-
code fetch
ST2
Bus Cycle Status Output indicates machine
states (skip interrupt and first instruction cy-
cle)
RESET
Active low input that forces the chip to restart
and sets the ports in a TRI-STATE mode
RDYHLD
Selected by a software bit
It’s either a
READY input to extend the bus cycle for slow-
er memories or a HOLD request input to put
the bus in a high impedance state for DMA
purposes
NC
(No connection) do not connect anything to
this pin
EXM
External memory enable (active high) disables
internal ROM and maps it to external memory
EI
External
interrupt
with
vector
address
FFF1FFF0 (Risingfalling edge or highlow
level sensitive) Alternately can be configured
as 4th input capture
EXUI
External active low interrupt which is internally
OR’ed with the UART interrupt with vector ad-
dress FFF3FFF2
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com