Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2SAB-GC Datasheet(PDF) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B2SAB-GC
Description  General Specifications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B2SAB-GC Datasheet(HTML) 2 Page - Nihon Kaiheiki Industry Co. Ltd.

  B2SAB-GC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
A13
A
www.nkkswitches.com
Distinctive Characteristics
Subminiature size saves space on PC boards.
Specifically developed for logic-level applications.
Antistatic superstructure, consisting of the carbon impregnated
bushing and the support bracket, prevents static discharge
to the contacts. Static electricity from an operator’s touch
travels from actuator through the bushing and bracket to
the PC board.
Locking lever mechanism offered as a toggle option.
Optional threaded, 6mm diameter bushing for
panel seal mounting meets IP65 of IEC60529
specifications (similar to NEMA 4 and 13).
Totally sealed body construction prevents
contact contamination and allows time-
and money-saving soldering and cleaning.
Epoxy sealed terminals lock out flux and
other contaminants.
Award-winning STC contact mechanism with
benefits unavailable in conventional mechanisms:
smoother, positive detent actuation, increased contact
stability and unparalleled logic-level reliability. (Additional
STC details in Terms & Acronyms; see Supplement section.)
.100” x .100” (2.54mm x 2.54mm) terminal spacing
conforms to standard PC board grid spacing.
Actual Size



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com