Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2SAB-GC Datasheet(PDF) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B2SAB-GC
Description  General Specifications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B2SAB-GC Datasheet(HTML) 4 Page - Nihon Kaiheiki Industry Co. Ltd.

  B2SAB-GC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
A15
A
www.nkkswitches.com
TOGGLES
.394” (10.0mm)
Bat
A
Standard Material & Finish: Brass with Bright Nickel
.248” (6.3mm)
Bat
J
A1 .315” (8.0mm) Bat with
Panel Seal Threaded Bushing
H
L
.248” (6.3mm) Flatted
Locking Lever
.394” (10.0mm)
Flatted
E
(2.6) Dia
.102
26°
(8.0)
.315
26°
(2.6) Dia
.102
(10.0)
.394
26°
(6.3)
.248
(2.6) Dia
.102
(2.7)
.106
26°
(1.6)
.063
(10.0)
.394
(2.6)
.102
26°
(6.3)
.248
(1.6)
.063
26°
(4.5) Dia
.177
(5.1) Dia
.201
(5.8)
.228
(5.9)
.232
(11.5)
.453
(12.5)
.492
Toggle Position
( ) = Momentary
Connected Terminals
Throw & Schematics
Pole
Model
Up
Center
Down
Up
Center
Down
Note:
Terminal numbers are
not actually on the switch.
SP
B12
B13
B15
B1R
B18
B19
B1S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3
OPEN
2-1
SPDT
DP
B22
B23
B25
B2R
B28
B29
B2S
ON
ON
ON
(ON)
(ON)
ON
(ON)
NONE
OFF
NONE
NONE
OFF
OFF
OFF
ON
ON
(ON)
ON
(ON)
(ON)
ON
2-3 5-6
OPEN
2-1 5-4
DPDT
POLES & CIRCUITS
2 (COM)
1
3
Slot
Slot
4
6
1
3
25
(COM)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com