Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B2SAB-GC Datasheet(PDF) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # B2SAB-GC
Description  General Specifications
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

B2SAB-GC Datasheet(HTML) 5 Page - Nihon Kaiheiki Industry Co. Ltd.

  B2SAB-GC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. B2SAB-GC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Series B
Process Sealed Subminiature Antistatic Toggles
A16
A
www.nkkswitches.com
Color Codes:
Straight
Material: PVC
Colors Available:
A, B, C
Straight with Bracket
Material: PVC
Colors Available:
A, B, C
Black
White
Red
Yellow
Green
Blue
A
B
C
E
F
G
P
B
Right Angle with Bracket
Vertical with Bracket
V
OPTIONAL CAPS
AT4003
.394” (10.0mm) Bat Lever Cap
G
AT4064
.248” (6.3mm) Bat Lever Cap
J
Gray
H
(2.54) Typ
.100
(0.6) Dia Typ
.024
(3.1) Typ
.122
(5.08)
.200
(3.1)
.122
(0.4) Typ
.016
(0.6) Dia Typ
.024
(2.54) Typ
.100
(10.16)
.400
(5.08)
.200
(5.08)
.200
(0.6) Typ
.024
H
(0.4)
.016
(0.6)
.024
(2.54) Typ
.100
(0.6) Dia Typ
.024
(0.5) Typ
.020
(0.4)
.016
(0.5) Typ
.020
(0.6)
.024
(2.54) Typ
.100
(2.54) Typ
.100(0.6) Dia Typ
.024
Use of a support bracket is recommended to increase PCB mounting strength and stability.
PC TERMINALS
26°
(3.0) Dia
.118
(10.0)
.394
(11.0)
.433
26°
(3.0) Dia
.118
(6.3)
.248
(7.0)
.276



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com