Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9891 Datasheet(PDF) 13 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD9891 Datasheet HTML 9Page - Analog Devices AD9891 Datasheet HTML 10Page - Analog Devices AD9891 Datasheet HTML 11Page - Analog Devices AD9891 Datasheet HTML 12Page - Analog Devices AD9891 Datasheet HTML 13Page - Analog Devices AD9891 Datasheet HTML 14Page - Analog Devices AD9891 Datasheet HTML 15Page - Analog Devices AD9891 Datasheet HTML 16Page - Analog Devices AD9891 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
REV. A
AD9891/AD9895
–13–
the corresponding edge locations. Figure 10 shows the range
and default locations of the high speed clock signals.
H-Driver and RG Outputs
In addition to the programmable timing positions, the AD9891/
AD9895 features on-chip output drivers for the RG and H1–H4
outputs. These drivers are powerful enough to directly drive the
CCD inputs. The H-driver current can be adjusted for optimum
rise/fall time into a particular load by using the DRV Registers
(Addr x0E1 to x0E4). The RG drive current is adjustable using
the RGDRV Register (Addr x0E8). Each 3-bit DRV Register is
adjustable in 3.5 mA increments, with the minimum setting of 0
equal to OFF or three-state, and the maximum setting of 7
equal to 24.5 mA.
As shown in Figure 11, the H2 and H4 outputs are inverses of
H1 and H3, respectively. The internal propagation delay resulting
from the signal inversion is less than 1 ns, which is significantly
less than the typical rise time driving the CCD load. This results
in an H1/H2 crossover voltage at approximately 50% of the out-
put swing. The crossover voltage is not programmable.
Digital Data Outputs
The AD9891/AD9895 data output and DCLK phase are pro-
grammable using the DOUTPHASE Register (Addr x01D). Any
edge from 0 to 47 may be programmed, as shown in Figure 12.
Normally, the DOUT and DCLK signals will track in phase,
based on the DOUTPHASE Register contents. The DCLK
output phase can also be held fixed with respect to the data
outputs, by changing the DCLKMODE Register (Addr x01E)
HIGH. In this mode, the DCLK output will remain at a fixed
phase equal to CLO (the inverse of CLI) while the data output
phase is still programmable.
There is a fixed output delay from the DCLK rising edge to the
DOUT transition, called tOD. This delay can be programmed to
four values between 0 ns and 12 ns, using the DOUT_DELAY
Register (Addr x032). The default value is 8 ns.
Table I. H1–H4, RG, SHP, and SHD Timing Parameters
Register
Length
Range
Description
POL
1b
High/Low
Polarity Control for H1, H3, and RG (0 = No Inversion, 1 = Inversion)
POSLOC
6b
0–47 Edge Location
Positive Edge Location for H1, H3, and RG
Sample Location for SHP, SHD
NEGLOC
6b
0–47 Edge Location
Negative Edge Location for H1, H3, and RG
DRV
3b
0–7 Current Steps
Drive Current for H1–H4 and RG Outputs (3.5 mA per Step)
H1/H3
H2/H4
RG
USING THE SAME TOGGLE POSITIONS FOR H1 AND H3 GENERATES STANDARD 2-PHASE H-CLOCKING.
CCD
SIGNAL
Figure 9. 2-Phase H-Clock Operation
Table II. Precision Timing Edge Locations
Quadrant
Edge Location (Dec)
Register Value (Dec)
Register Value (Bin)
I0 to 11
0 to 11
000000 to 001011
II
12 to 23
16 to 27
010000 to 011011
III
24 to 35
32 to 43
100000 to 101011
IV
36 to 47
48 to 59
110000 to 111011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com