Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9891 Datasheet(PDF) 21 Page - Analog Devices

Part # AD9891
Description  CCD Signal Processors with Precision Timing??Generator
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9891 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD9891 Datasheet HTML 17Page - Analog Devices AD9891 Datasheet HTML 18Page - Analog Devices AD9891 Datasheet HTML 19Page - Analog Devices AD9891 Datasheet HTML 20Page - Analog Devices AD9891 Datasheet HTML 21Page - Analog Devices AD9891 Datasheet HTML 22Page - Analog Devices AD9891 Datasheet HTML 23Page - Analog Devices AD9891 Datasheet HTML 24Page - Analog Devices AD9891 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
REV. A
AD9891/AD9895
–21–
Table X. Vertical Sequence Alternation Parameters
Register
Length
Range
Description
VTPALT
1b
Enabled/Disabled
Enables the Line-by-Line Alternation (1 = Enabled)
VxSPTRFIRST
4b
Sequence 0–11
SPTR for Vx Output during Each Region 0–4 for FIRST Lines
VxINVFIRST
1b
High/Low
When High, the Polarity of VxSPTRFIRST Is Inverted
VxSPTRSECOND
4b
Sequence 0–11
SPTR for Vx Output during Each Region 0–4 for SECOND Lines
VxINVSECOND
1b
High/Low
When High, the Polarity of VxSPTRSECOND Is Inverted
x is the V-output from 1–4.
Vertical Sequence Alternation
The AD9891/AD9895 also supports line-by-line alternation of
vertical sequences within any region, as shown in Figure 23.
Table X summarizes the additional registers used to support differ-
ent alternation patterns. To create an alternating vertical pattern,
the VxSPTRFIRST and VxSPTRSECOND Registers are pro-
grammed with the desired sequences to be alternated. The
VTPALT Register must be set HIGH for that region to use
alternation. If VTPALT is LOW, then the VxSPTRSECOND
Registers will be ignored. Figure 24 shows an example of line-
by-line alternation.
REGION CHANGE POSTION #2
SINGLE FIELD (1 VD INTERVAL)
SECOND LINES
FIRST LINES
LINE-BY-LINE ALTERNATION
NO ALTERNATION
REGION CHANGE POSITION #1
ONLY FIRST LINES ARE USED
REGION CHANGE POSTION #0
NO ALTERNATION
ONLY FIRST LINES ARE USED
WHEN THE VTPALT REGISTER IS LOW (NO ALTERNATION), ONLY THE FIRST LINES ARE USED.
Figure 23. Use of Line Alteration in Vertical Sequencing
V1
V2
USE FIRST V SEQUENCES
V3
V4
HD
USE SECOND V SEQUENCES
USE FIRST V SEQUENCES
SEQUENCES MAY BE ALTERNATED WITHIN A REGION BY USING THE SPTRFIRST AND SPTRSECOND REGISTERS.
Figure 24. Example of Line Alteration within a Region



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com