Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862x-Rf-TNS Datasheet(PDF) 75 Page - ATMEL Corporation

Part # T48C862x-Rf-TNS
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862x-Rf-TNS Datasheet(HTML) 75 Page - ATMEL Corporation

Back Button T48C862x-Rf-TNS Datasheet HTML 71Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 72Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 73Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 74Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 75Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 76Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 77Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 78Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 79Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 107 page
background image
75
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Serial Interface Registers
Serial Interface Control
Register 1 (SIC1)
Auxiliary register address: "9"hex
Note:
This bit has to be set to "1" during the MCL mode and the Timer 3 mode 10 or 11
Note:
with SCD = 0 the bits SCS1 and SCS0 are insignificant
Table 24.
Serial Clock Source Select Bits
•
In transmit mode (SDD = 1) shifting starts only if the transmit buffer has been loaded
(SRDY = 1).
•
Setting SIR bit loads the contents of the shift register into the receive buffer
(synchronous 8-bit mode only).
•
In MCL modes, writing a 0 to SIR generates a start condition and writing a 1
generates a stop condition.
Bit 3Bit 2Bit 1Bit 0
SIR
SCD
SCS1
SCS0
Reset value: 1111b
SIR
S
erial Interface Reset
SIR = 1, SSI inactive
SIR = 0, SSI active
SCD
S
erial Clock Direction
SCD = 1, SC line used as output
SCD = 0, SC line used as input
SCS1
S
erial Clock source Select bit 1
SCS0
S
erial Clock source Select bit 0
SCS1
SCS0
Internal Clock for SSI
1
1
SYSCL/2
10
T1OUT/2
01
POUT/2
0
0
TOG2/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com