Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862x-Rf-TNS Datasheet(PDF) 13 Page - ATMEL Corporation

Part # T48C862x-Rf-TNS
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862x-Rf-TNS Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button T48C862x-Rf-TNS Datasheet HTML 9Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 10Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 11Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 12Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 13Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 14Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 15Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 16Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 107 page
background image
13
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Microcontroller Block
Features
4-Kbyte ROM, 256 x 4-bit RAM
EEPROM Programmable Options
Read Protection for the EEPROM Program Memory
11 Bi-directional I/Os
Up to Seven External/Internal Interrupt Sources
Eight Hardware and Software Interrupt Priorities
Multifunction Timer/Counter
- IR Remote Control Carrier Generator
- Biphase-, Manchester- and Pulse-width Modulator and Demodulator
- Phase Control Function
Programmable System Clock with Prescaler and Five Different Clock Sources
Very Low Sleep Current (< 1 µA)
2
× 512-bit EEPROM Data Memory
256
× 4-bit RAM Data Memory
Synchronous Serial Interface (2-wire, 3-wire)
Watchdog, POR and Brown-out Function
Voltage Monitoring Inclusive Lo_BAT Detect
Description
The microcontroller is designed with EEPROM cells so it can be programmed several
times. To offer full compatibility with each ROM version, the I/O configuration is stored
into a separate internal EEPROM block during programming. The configuration is down-
loaded to the I/Os with every power-on reset.
Introduction
The microcontroller block is a member of Atmel’s family of 4-bit single-chip microcontrol-
lers. Instead of ROM it contains EEPROM, RAM, parallel I/O ports, two 8-bit
programmable multifunction timer/counters, voltage supervisor, interval timer with
watchdog function and a sophisticated on-chip clock generation with integrated RC-,
32-kHz and 4-MHz crystal oscillators.
Differences between T48C862-R4 and ATAR862 Microcontrollers
Program Memory
The program memory of the devices is realized as an EEPROM. The memory size for
user programs is 4096 bytes. It is programmed as 258
× 16 bytes blocks of data. the
implement LOCK-bit function is user-selectable and protects the device from unautho-
rized read-out of the program memory.
Configuration Memory
An additional area of 32 bytes of the EEPROM is used to store information about the
hardware configuration. All the options that are selectable for the ROM versions are
available to the user. This includes not only the different port options but also the possi-
bilities to select different capacitors for OSC1 and OSC2, the option to enable or disable
the hardlock for the watchdog, the option to select OSC2 instead of OSC1 as external
clock input and the option to enable the external clock monitor as a reset source.
Data Memory
The microcontroller block contains an internal data EEPROM that is organized as two
pages of 32
× 16-bit. To be compatible with the ROM parts, the page used has to be
defined within the application software by writing the 2-wire interface (TWI) command
"09h" to the EEPROM. This command has no effect for the microcontroller block, if it is
left inside the HEX-file for the ROM version. Also for compatibility reasons, the access to
the EEPROM is handled via the MCL (serial interface) as in the corresponding ROM
parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com