Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T48C862x-Rf-TNS Datasheet(PDF) 11 Page - ATMEL Corporation

Part # T48C862x-Rf-TNS
Description  Microcontroller with UHF ASK/FSK Transmitter
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T48C862x-Rf-TNS Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button T48C862x-Rf-TNS Datasheet HTML 7Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 8Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 9Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 10Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 11Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 12Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 13Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 14Page - ATMEL Corporation T48C862x-Rf-TNS Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 107 page
background image
11
T48C862-R4 [Preliminary]
4551C–4BMCU–01/04
Figure 8. ESD Protection Circuit
CLK
PA_ENABLE
ANT2
ANT1
XTAL
ENABLE
VS
GND
Absolute Maximum Ratings: RF Part
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameters
Symbol
Min.
Max.
Unit
Supply voltage
V
S
5V
Power dissipation
P
tot
100
mW
Junction temperature
T
j
150
° C
Storage temperature
T
stg
-55
+125
° C
Ambient temperature
T
amb
-55
+125
° C
Thermal Resistance
Parameters
Symbol
Value
Unit
Junction ambient
R
thJA
135
K/W
Electrical Characteristics
V
S = 2.0 V to 4.0 V, Tamb = -40° C to +125° C unless otherwise specified.
Typical values are given at V
S = 3.0 V and Tamb = 25° C. All parameters are referred to GND (Pin 3).
Parameters
Test Conditions
Symbol
Min.
Typ.
Max.
Unit
Supply current
Power down,
VENABLE < 0.25 V, -40° C to +85° C
V
PA-ENABLE < 0.25 V, -85° C to +125° C
V
PA-ENABLE < 0.25 V, 25° C
(100% correlation tested)
I
S_Off
<10
350
7
nA
µA
nA
Supply current
Power up, PA off, VS = 3 V
V
ENABLE > 1.7 V, VPA-ENABLE <0.25 V
I
S
3.7
4.8
mA
Supply current
Power up, V
S = 3.0 V
V
ENABLE > 1.7 V, VPA-ENABLE >1.7 V
I
S_Transmit
911.6
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com