Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1963S Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 9Page - Dallas Semiconductor DS1963S Datasheet HTML 10Page - Dallas Semiconductor DS1963S Datasheet HTML 11Page - Dallas Semiconductor DS1963S Datasheet HTML 12Page - Dallas Semiconductor DS1963S Datasheet HTML 13Page - Dallas Semiconductor DS1963S Datasheet HTML 14Page - Dallas Semiconductor DS1963S Datasheet HTML 15Page - Dallas Semiconductor DS1963S Datasheet HTML 16Page - Dallas Semiconductor DS1963S Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
DS1963S
13 of 37
Memory and SHA Function Flow Chart (continued) Figure 7
Bus Master
RX "1"s
Master
TX Reset ?
Y
N
0Fh
Write Scratch-
pad
?
TA1(T7:T0), TA2 (T15:T8)
Bus Master TX
CHLG = 0 ; AUTH = 0
HIDE = 1 ?
Y
N
Address
< 200h ?
N
N
Y
Offset = (T4:T0), clears (PF, AA)
DS1963S sets Scratchpad
S
Y
Offset
= 11111b ?
N
to Scratchpad Offset
Bus Master TX Data Byte
Master
TX Reset ?
Master
TX Reset ?
N
Y
Bus Master
RX "1"s
increments
DS1963S
SP. Offset
Partial
Byte ?
Y
N
Y
N
PF = 1
R
Address ?
Secret
Y
Offset = (T4:T0), clears (PF, AA)
DS1963S sets Scratchpad
Master
TX Reset ?
N
Y
Bus Master
RX "1"s
E4:E0 := T4, T3, 1,1,1
T2:T0 := 0,0,0
Y
Offset
= 11111b ?
N
Dummy byte
Bus Master TX
Master
TX Reset ?
Command, Address, Data
DS1963S TX CRC16 of
increments
DS1963S
SP. Offset
Partial
Byte ?
Y
N
Y
N
PF = 1
Spare
Vertical
Y
N
1st part
To Figure 7
From Figure 7
1st part
From Figure 7
3rd part
3rd part
To Figure 7
Command, Address, Data
DS1963S TX CRC16 of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com