Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1963S Datasheet(PDF) 21 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 21 Page - Dallas Semiconductor

Back Button DS1963S Datasheet HTML 17Page - Dallas Semiconductor DS1963S Datasheet HTML 18Page - Dallas Semiconductor DS1963S Datasheet HTML 19Page - Dallas Semiconductor DS1963S Datasheet HTML 20Page - Dallas Semiconductor DS1963S Datasheet HTML 21Page - Dallas Semiconductor DS1963S Datasheet HTML 22Page - Dallas Semiconductor DS1963S Datasheet HTML 23Page - Dallas Semiconductor DS1963S Datasheet HTML 24Page - Dallas Semiconductor DS1963S Datasheet HTML 25Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
DS1963S
21 of 37
SHA-1 Input Message Formats Table 2
Read Authenticated Page command, Compute Challenge function
M0[31:24] = (SS+0)
M0[23:16] = (SS+1)
M0[15:8] = (SS+2)
M0[7:0] = (SS+3)
M1[31:24] = (PP+0)
M1[23:16] = (PP+1)
M1[15:8] = (PP+2)
M1[7:0] = (PP+3)
M2[31:24] = (PP+4)
M2[23:16] = (PP+5)
M2[15:8] = (PP+6)
M2[7:0] = (PP+7)
M3[31:24] = (PP+8)
M3[23:16] = (PP+9)
M3[15:8] = (PP+10)
M3[7:0] = (PP+11)
M4[31:24] = (PP+12)
M4[23:16] = (PP+13)
M4[15:8] = (PP+14)
M4[7:0] = (PP+15)
M5[31:24] = (PP+16)
M5[23:16] = (PP+17)
M5[15:8] = (PP+18)
M5[7:0] = (PP+19)
M6[31:24] = (PP+20)
M6[23:16] = (PP+21)
M6[15:8] = (PP+22)
M6[7:0] = (PP+23)
M7[31:24] = (PP+24)
M7[23:16] = (PP+25)
M7[15:8] = (PP+26)
M7[7:0] = (PP+27)
M8[31:24] = (PP+28)
M8[23:16] = (PP+29)
M8[15:8] = (PP+30)
M8[7:0] = (PP+31)
M9[31:24] = (CC+0)
M9[23:16] = (CC+1)
M9[15:8] = (CC+2)
M9[7:0] = (CC+3)
M10[31:24] = MP
M10[23:16] = FAMC
M10[15:8] = SN0
M10[7:0] = SN1
M11[31:24] = SN2
M11[23:16] = SN3
M11[15:8] = SN4
M11[7:0] = SN5
M12[31:24] = (SS+4)
M12[23:16] = (SS+5)
M12[15:8] = (SS+6)
M12[7:0] = (SS+7)
M13[31:24] = (SP+20) M13[23:16] = (SP+21) M13[15:8] = (SP+22)
M13[7:0] = 80h
M14[31:24] = 00h
M14[23:16] = 00h
M14[15:8] = 00h
M14[7:0] = 00h
M15[31:24] = 00h
M15[23:16] = 00h
M15[15:8] = 01h
M15[7:0] = B8h
Legend
Mt
Input buffer of SHA engine
0
£ t £ 15; 32-bit words
SS
Starting address of secret
See Figure 5, Memory Map, memory pages 16 and 17
CC
Starting address of cycle counter
Read Authenticated Page Command: Write cycle counter of selected memory page,
see Figure 5, Memory Map, memory page 19; the LS-byte of the counter is stored at
the lower address
Compute Challenge: PRNG Counter; see Figure 5, Memory Map, memory page 21;
the LS-byte of the counter is stored at the lower address
PP
Starting address of memory page
See Figure 5, Memory Map, memory pages 0 through 15
FAMC
Family Code = 18h
MP
MP[7] = Control bit M, see Figure 7, Read Authenticated Page, and Figure 8
MP[6] = Control bit X, see Figure 7, Read Authenticated Page, and Figure 8
MP[5:4] = 00b
MP[3:0] = T8:T5 (equivalent to page number in hex)
SNx
ROM Serial number of device
SN0 = least significant byte, SN5 = most significant byte
The CRC is not used
(SP+n)
Byte n of scratchpad
The counting of n is in decimal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com