Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1963S Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS1963S
Description  SHA iButton
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1963S Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS1963S Datasheet HTML 1Page - Dallas Semiconductor DS1963S Datasheet HTML 2Page - Dallas Semiconductor DS1963S Datasheet HTML 3Page - Dallas Semiconductor DS1963S Datasheet HTML 4Page - Dallas Semiconductor DS1963S Datasheet HTML 5Page - Dallas Semiconductor DS1963S Datasheet HTML 6Page - Dallas Semiconductor DS1963S Datasheet HTML 7Page - Dallas Semiconductor DS1963S Datasheet HTML 8Page - Dallas Semiconductor DS1963S Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
DS1963S
4 of 37
64-BIT LASERED ROM
Each DS1963S contains a unique ROM code that is 64 bits long. The first 8 bits are a 1-Wire family
code. The next 48 bits are a unique serial number. The last 8 bits are a CRC of the first 56 bits.
(See Figure 3). The 1-Wire CRC is generated using a polynomial generator consisting of a shift register
and XOR gates as shown in Figure 4. The polynomial is X
8
+ X
5
+ X
4
+ 1. Additional information about
the Dallas 1-Wire Cyclic Redundancy Check is available in the Book of DS19xx iButton Standards. The
shift register bits are initialized to zero. Then starting with the least significant bit of the family code, one
bit at a time is shifted in. After the 8th bit of the family code has been entered, then the serial number is
entered. After the 48th bit of the serial number has been entered, the shift register contains the CRC
value. Shifting in the 8 bits of CRC should return the shift register to all zeros.
DS1963S BLOCK DIAGRAM Figure 1
CRC16
Generator
256-bit
Scratchpad
Data Memory
8 Pages of
256 bits each
S
Flag and Mode
Register
SHA Function
Memory and
Control Unit
512-bit
Secure Hash
Algorithm
Engine (SHA-1)
PRNG
Counter
R
Data Memory
8 Pages of
256 bits each
8 Write-Cycle
Counters
one for each
Memory Page
8 Write-Cycle
Counters
one for each
Secret
Secrets Memory
2 Pages of
256 bits
storing 8 Secrets
of 64 bits each
DATA
Lid
Contact
1-Wire
Function Control
64-bit
Lasered ROM
Parasite-Powered
Circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com