Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F12AVCL Datasheet(PDF) 3 Page - STMicroelectronics

Part # SMM4F12AVCL
Description  400 W low clamping voltage Transil?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F12AVCL Datasheet(HTML) 3 Page - STMicroelectronics

  SMM4F12AVCL Datasheet HTML 1Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 2Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 3Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 4Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 5Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 6Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SMM4F12AVCL
Characteristics
Doc ID 022220 Rev 1
3/7
Figure 5.
Clamping voltage versus peak pulse current (exponential waveform, maximum
values)
Table 3.
Electrical characteristics - parameter values (Tamb = 25 °C)
(1)
Type
IRM max@VRM
VBR @IR
(2)
VCL @IPP
10/1000 µs
RD
(3)
10/1000 µs
VCL @IPP
8/20 µs
RD
(3)
8/20 µs
αT(4)
25 °C 85 °C
min
typ
max
max
max
max
µA
V
V
mA
V
A
Ω
VA
Ω
10-4/°C
SMM4F12AVCL
0.2
1
12
13
13.5
14
1
14.3
1
0.3
22.9 100
0.09
8.3
1.
Surge capability given for both directions
2.
Pulse test: tp <50ms.
3.
To calculate maximum clamping voltage at other surge currents, use the following formula VCLmax = RD x IPP + VBRmax
4.
To calculate VBR versus junction temperature, use the following formula: VBR @ Tj = VBR @ 25 °C x (1 + αT x (Tj - 25))
Figure 3.
Peak power dissipation versus
initial junction temperature
Figure 4.
Peak pulse power versus
exponential pulse duration
(Tj initial = 25 °C)
PPP[Tj initial] / P P
P [Tjinitial =2 5 °C]
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
0
25
50
75
100
125
150
175
200
10/1000 µs
T
(°C)
j initial
P
(kW)
PP
0.1
1.0
10.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Tj initial = 25 °C
t (ms)
p
IPP(A)
0.1
1.0
10.0
100.0
1000.0
12
14
16
18
20
22
24
Tj initial=25 °C
tp = 8/20us µs
tp = 10/1000 µs
VCL(V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com