Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F12AVCL Datasheet(PDF) 4 Page - STMicroelectronics

Part # SMM4F12AVCL
Description  400 W low clamping voltage Transil?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F12AVCL Datasheet(HTML) 4 Page - STMicroelectronics

  SMM4F12AVCL Datasheet HTML 1Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 2Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 3Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 4Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 5Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 6Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
SMM4F12AVCL
4/7
Doc ID 022220 Rev 1
2
Ordering information scheme
Figure 8.
Ordering information scheme
Figure 6.
Relative variation of thermal
impedance junction to ambient
versus pulse duration
Figure 7.
Thermal resistance junction to
ambient versus copper surface
under each lead
0.00
0.01
0.10
1.00
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
1.0E+02
1.0E+03
Zth(j-a)/Rth(j-a)
t (S)
p
On recommended pad layout
Printed circuit board FR4
copper thickness = 35 µm
40
60
80
100
120
140
160
180
200
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
Rth(j-a)(°C/W)
S
(cm )
CU
2
Printed circuit board FR4
copper thickness = 35 µm
SM
M 4F
12
A
VCL
Surface mount
Package
Surge rating
M = STmite package
4F = 400 W in flat package
Stand off voltage
example - 12 = 12 V
Type
A = Unidirectional
Low clamping voltage



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com