Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMM4F12AVCL Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMM4F12AVCL
Description  400 W low clamping voltage Transil?
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMM4F12AVCL Datasheet(HTML) 1 Page - STMicroelectronics

  SMM4F12AVCL Datasheet HTML 1Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 2Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 3Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 4Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 5Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 6Page - STMicroelectronics SMM4F12AVCL Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
September 2011
Doc ID 022220 Rev 1
1/7
7
SMM4F12AVCL
400 W low clamping voltage Transil™
Features
■ Typical peak pulse power:
– 400 W (10/1000 µs)
– 2.4 kW (8/20 µs)
■ Stand off voltage: 12 V
■ Unidirectional type
■ Low clamping factor
■ Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ Operating Tj max: 175 °C
■ High power capability at 85 °C: 385 W
■ JEDEC registered package outline
■ RoHS package
■ Halogen free molding compound
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: class3
– 25 kV (human body model)
Description
The SMM4F12AVCL Transil series has been
designed to protect sensitive equipment against
electro-static discharges according to IEC 61000-
4-2, MIL STD 883 Method 3015, and electrical
over stress such as IEC 61000-4-4 and 5. They
are generally for surges below 400 W 10/1000 µs.
This planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. Their low clamping voltages provide a better
safety margin to protect sensitive circuits with
extended life time expectancy such as HDD
power combo voltage regulators.
Packaged in STmite flat, this minimizes PCB
space consumption (footprint in accordance with
IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
STmite flat
(DO222-AA)
www.st.com


Similar Part No. - SMM4F12AVCL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMM4F12A STMICROELECTRONICS-SMM4F12A Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
logo
Shanghai Shunye Electro...
SMM4F12A SHUNYE-SMM4F12A Datasheet
285Kb / 5P
Stand off voltage range - from 5 V to 33 V
logo
STMicroelectronics
SMM4F12A STMICROELECTRONICS-SMM4F12A Datasheet
625Kb / 12P
Unidirectional type
19-Jan-2017
SMM4F12A-TR STMICROELECTRONICS-SMM4F12A-TR Datasheet
625Kb / 12P
Unidirectional type
19-Jan-2017
More results

Similar Description - SMM4F12AVCL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM2T3V3A STMICROELECTRONICS-SM2T3V3A Datasheet
62Kb / 5P
Low voltage TRANSIL?
10-Oct-2005
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
3000 W Transil™
28-Jul-2011
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SMC30J30CA STMICROELECTRONICS-SMC30J30CA Datasheet
132Kb / 10P
3000 W Transil™
28-Jul-2011
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
Low clamping voltage
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com