Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4210 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STG4210
Description  Low voltage 1 Ω dual SPST analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4210 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STG4210 Datasheet HTML 5Page - STMicroelectronics STG4210 Datasheet HTML 6Page - STMicroelectronics STG4210 Datasheet HTML 7Page - STMicroelectronics STG4210 Datasheet HTML 8Page - STMicroelectronics STG4210 Datasheet HTML 9Page - STMicroelectronics STG4210 Datasheet HTML 10Page - STMicroelectronics STG4210 Datasheet HTML 11Page - STMicroelectronics STG4210 Datasheet HTML 12Page - STMicroelectronics STG4210 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STG4210
Electrical characteristics
9/21
Xtalk
Crosstalk
1.65
−4.3
VS =1VRMS
f=100KHz
-72
dB
THD
Total
harmonic
distortion
2.3
−4.3
f = 20 Hz to
20 kHz
RL =600 Ω
CL = 50 pF
VIN =2VP-P
VDC = VCC/2
0.01
%
BW
-3dB
bandwidth
1.65
−4.3
RL =50 Ω
Signal = 0 dBm
58
MHz
CSEL
Control pin
input
capacitance
VCC = 0 V
9
pF
CON
Port
capacitance
when switch
is enabled
3.3
f = 1 MHz
113
COFF
Port
capacitance
when switch
is disabled
3.3
f = 1 MHz
85
1.
Off isolation = 20 Log10 (VD/VS), VD = output. VS = input at off switch
Table 7.
AC electrical characteristics (CL =35pF, RL =50 Ω, tr =tf ≤5ns)
Symbol
Parameter
VCC
(V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min
Typ
Max
Min
Max
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com