Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4210 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STG4210
Description  Low voltage 1 Ω dual SPST analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4210 Datasheet(HTML) 1 Page - STMicroelectronics

  STG4210 Datasheet HTML 1Page - STMicroelectronics STG4210 Datasheet HTML 2Page - STMicroelectronics STG4210 Datasheet HTML 3Page - STMicroelectronics STG4210 Datasheet HTML 4Page - STMicroelectronics STG4210 Datasheet HTML 5Page - STMicroelectronics STG4210 Datasheet HTML 6Page - STMicroelectronics STG4210 Datasheet HTML 7Page - STMicroelectronics STG4210 Datasheet HTML 8Page - STMicroelectronics STG4210 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
August 2008
Rev 1
1/21
21
STG4210
Low voltage 1
Ω dual SPST analog switch
Features
■ Ultra low power dissipation:
ICC = 0.2 μA (max.) at TA = 85 °C
■ RPEAK = 1.30 Ω max (TA = 25 °C)
at VCC = 4.3 V
■ Wide operating voltage range:
VCC (opr) = 1.65 to 4.3 V single supply
■ 4.3 V tolerant and 1.8 V compatible threshold
on digital control input at VCC = 1.65 to 4.3 V
■ Typical bandwidth (-3 dB) at 58 MHz
■ Latch-up performance exceeds 100 mA per
JESD 78, Class II
■ ESD performance exceeds JESD22
2000-V human body model (A114-A)
Description
The STG4210 is a high-speed CMOS low voltage
dual analog SPST (single pole single throw)
switch fabricated in silicon gate C2MOS
technology.
The STG4210 is designed to operate from 1.65 to
4.3 V, making this device ideal for portable
applications. The SELn inputs are provided to
control the switch operation. The switch Sn is “on”
(connected to common ports Dn) when the SELn
input is held high and “off” (high impedance state
exists between the two ports) when SELn is held
low.
Additional key features are fast switching speed
and ultra low power consumption. All inputs and
outputs are equipped with protection circuits
against static discharge, giving them ESD
immunity and transient excess voltage.
QFN10L (1.8 x 1.4 mm)
Table 1.
Device summary
Order code
Package
Packaging
STG4210QTR
QFN10L (1.8 x 1.4 mm)
Tape and reel
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - STG4210

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STG4259 STMICROELECTRONICS-STG4259 Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG4259BJR STMICROELECTRONICS-STG4259BJR Datasheet
311Kb / 19P
Low voltage 0.3Ω max dual SPDT switch with break-before-make feature and 15KV ESD protection
28-Aug-2007
STG4260 STMICROELECTRONICS-STG4260 Datasheet
466Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
20-Apr-2009
STG4260BJR STMICROELECTRONICS-STG4260BJR Datasheet
466Kb / 19P
Low voltage 0.5 Ω dual SPDT switch with break-before-make feature and 15 kV ESD protection
20-Apr-2009
More results

Similar Description - STG4210

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG9262 VISHAY-DG9262 Datasheet
61Kb / 7P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
DG2715 VISHAY-DG2715 Datasheet
110Kb / 8P
Low-Voltage, 0.4-Ω rON, Single SPST Analog Switch
30-Apr-07
DG2737 VISHAY-DG2737 Datasheet
154Kb / 8P
6-Ω, Low Voltage, Dual SPST Analog Switch
03-Nov-08
DG2747 VISHAY-DG2747 Datasheet
153Kb / 8P
0.4-Ω, Low Voltage, Dual SPST Analog Switch
21-Apr-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG2035 VISHAY-DG2035 Datasheet
81Kb / 7P
Low-Voltage, 1-Ω, Dual SPDT Analog Switch
21-Jun-04
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
Low-Voltage Dual SPST Analog Switch
20-Jun-11
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
Low-Voltage Dual SPST Analog Switch
23-May-11
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
Low-Voltage Dual SPST Analog Switch
17-Dec-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com