Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STG4210 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STG4210
Description  Low voltage 1 Ω dual SPST analog switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG4210 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STG4210 Datasheet HTML 11Page - STMicroelectronics STG4210 Datasheet HTML 12Page - STMicroelectronics STG4210 Datasheet HTML 13Page - STMicroelectronics STG4210 Datasheet HTML 14Page - STMicroelectronics STG4210 Datasheet HTML 15Page - STMicroelectronics STG4210 Datasheet HTML 16Page - STMicroelectronics STG4210 Datasheet HTML 17Page - STMicroelectronics STG4210 Datasheet HTML 18Page - STMicroelectronics STG4210 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
STG4210
Package mechanical data
15/21
7
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Figure 10.
QFN10L (1.8 x 1.4 mm) package outline
7936408 Rev.D
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com