Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718B Datasheet(PDF) 1 Page - STMicroelectronics

Part # TDA7718B
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718B Datasheet(HTML) 1 Page - STMicroelectronics

  TDA7718B Datasheet HTML 1Page - STMicroelectronics TDA7718B Datasheet HTML 2Page - STMicroelectronics TDA7718B Datasheet HTML 3Page - STMicroelectronics TDA7718B Datasheet HTML 4Page - STMicroelectronics TDA7718B Datasheet HTML 5Page - STMicroelectronics TDA7718B Datasheet HTML 6Page - STMicroelectronics TDA7718B Datasheet HTML 7Page - STMicroelectronics TDA7718B Datasheet HTML 8Page - STMicroelectronics TDA7718B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
This is information on a product in full production.
September 2013
DocID18305 Rev 3
1/40
1
TDA7718B
3 band car audio processor
Datasheet
- production data
Features
 Input multiplexer
– QD1: quasi-differential stereo inputs
– SE1: stereo single-ended input
– SE2: stereo single-ended input
– SE3: stereo single-ended input
– FD full-differential or quasi-differential input
 Loudness
–2nd order frequency response
– Programmable center frequency
(400 Hz / 800 Hz / 2400 Hz)
– 15dB with 1dB steps
– Selectable high frequency boost
– Selectable flat-mode (constant attenuation)
 Volume
– +23 dB to -31 dB with 1 dB step resolution
– Soft-step control with programmable blend
times
 Bass
–2nd order frequency response
– Center frequency programmable in 4 steps
(60 Hz / 80 Hz / 100 Hz / 200 Hz)
– Q programmable 1.0/1.25/1.5/2.0
– DC gain programmable
– -15 dB to 15 dB range with 1 dB resolution
 Middle
–2nd order frequency response
– Center frequency programmable in 4 steps
(500 Hz / 1 kHz / 1.5 kHz / 2.5 kHz)
– Q programmable 0.75/1.0/1.25
– -15 dB to 15 dB range with 1 dB resolution
 Treble
–2nd order frequency response
(10 kHz / 12.5 kHz / 15 kHz / 17.5 kHz)
– Center frequency programmable in 4 steps
(10 kHz / 12.5 kHz / 15 kHz / 17.5 kHz)
– -15 dB to 15 dB with 1 dB resolution
 Speaker
– 4 independent soft-step speaker controls
– +15 dB to -79 dB with 1 dB steps
– Direct mute
 Subwoofer
–2nd order low pass filter with programmable
cut off frequency (55 Hz / 85 Hz / 120 Hz /
160 Hz)
– 2 independent soft-step level control,
+15 dB to –79 dB with 1 dB steps
 Mute functions
– Direct mute
– Digitally controlled soft-mute with 4
programmable mute-times
(0.48 ms/0.96 ms/8 ms/16 ms)
 Offset detection
– Offset voltage detection circuit for on-board
power amplifier failure diagnosis
Description
The TDA7718B is a high performance signal
processor specifically designed for car radio
applications. The device includes a high
performance audioprocessor with fully integrated
audio filters and new soft-step architecture. The
digital control allows programming in a wide range
of filter characteristics.
TSSOP28
Table 1. Device summary
Order code
Package
Packing
TDA7718B
TSSOP28
Tube
TDA7718BTR
TSSOP28
Tape and reel
www.st.com


Similar Part No. - TDA7718B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
21-Oct-2009
More results

Similar Description - TDA7718B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419 Datasheet
804Kb / 30P
3 BAND CAR AUDIO PROCESSOR
TDA7417 STMICROELECTRONICS-TDA7417 Datasheet
441Kb / 34P
Car radio audio processor
26-Jun-2007
logo
Micronas
CAP3001A MICRONAS-CAP3001A Datasheet
463Kb / 37P
Car Audio Processor Hardware
logo
STMicroelectronics
TDA7719 STMICROELECTRONICS-TDA7719 Datasheet
544Kb / 45P
3 band car audio processor
16-Jul-2007
TDA7418 STMICROELECTRONICS-TDA7418 Datasheet
383Kb / 29P
3 Band car audio procesor
15-Feb-2007
logo
Princeton Technology Co...
PT2313E PTC-PT2313E Datasheet
198Kb / 5P
Stereo Audio Processor for Car Audio
PT2312E PTC-PT2312E_10 Datasheet
192Kb / 5P
Stereo Audio Processor for Car Audio
logo
STMicroelectronics
TDA7419 STMICROELECTRONICS-TDA7419_09 Datasheet
696Kb / 40P
3 band car audio processor
13-Feb-2009
TDA7718N STMICROELECTRONICS-TDA7718N Datasheet
542Kb / 40P
3 band car audio processor
21-Oct-2009
TDA7720B STMICROELECTRONICS-TDA7720B Datasheet
1Mb / 42P
3 band car audio processor
16-Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com