Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718B Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7718B
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718B Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7718B Datasheet HTML 15Page - STMicroelectronics TDA7718B Datasheet HTML 16Page - STMicroelectronics TDA7718B Datasheet HTML 17Page - STMicroelectronics TDA7718B Datasheet HTML 18Page - STMicroelectronics TDA7718B Datasheet HTML 19Page - STMicroelectronics TDA7718B Datasheet HTML 20Page - STMicroelectronics TDA7718B Datasheet HTML 21Page - STMicroelectronics TDA7718B Datasheet HTML 22Page - STMicroelectronics TDA7718B Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
DocID18305 Rev 3
19/40
TDA7718B
Description of the audioprocessor
4.5.4
DC mode
In this mode the DC-gain is increased by 4.4 dB. In addition the programmed center
frequency and quality factor is decreased by 25 % which can be used to reach alternative
center frequencies or quality factors.
Figure 11. Bass normal and DC mode @ gain = 14 dB, fC = 80 Hz
1. The center frequency, Q and DC-mode can be set fully independently.
4.6
Middle
There are three parameters programmable in the middle stage:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com