Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7718B Datasheet(PDF) 22 Page - STMicroelectronics

Part # TDA7718B
Description  3 band car audio processor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7718B Datasheet(HTML) 22 Page - STMicroelectronics

Back Button TDA7718B Datasheet HTML 18Page - STMicroelectronics TDA7718B Datasheet HTML 19Page - STMicroelectronics TDA7718B Datasheet HTML 20Page - STMicroelectronics TDA7718B Datasheet HTML 21Page - STMicroelectronics TDA7718B Datasheet HTML 22Page - STMicroelectronics TDA7718B Datasheet HTML 23Page - STMicroelectronics TDA7718B Datasheet HTML 24Page - STMicroelectronics TDA7718B Datasheet HTML 25Page - STMicroelectronics TDA7718B Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 40 page
background image
Description of the audioprocessor
TDA7718B
22/40
DocID18305 Rev 3
4.7.2
Center frequency
Figure 16 shows the four possible center frequencies 10 k, 12.5 k, 15 k and 17.5 kHz.
Figure 16. Treble center frequencies @ gain = 14 dB
4.8
Subwoofer filter
The subwoofer lowpass filter has Butterworth characteristics with programmable cut-off
frequency (55 Hz / 85 Hz / 120 Hz / 160 Hz). The output phase can be selected between 0
deg and 180 deg. The input of subwoofer takes signal from bass filter output or output of
input mux.
Figure 17. Subwoofer cut frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com