Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS93X Datasheet(PDF) 7 Page - STMicroelectronics

Part # TS93X
Description  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93X Datasheet(HTML) 7 Page - STMicroelectronics

Back Button TS93X Datasheet HTML 3Page - STMicroelectronics TS93X Datasheet HTML 4Page - STMicroelectronics TS93X Datasheet HTML 5Page - STMicroelectronics TS93X Datasheet HTML 6Page - STMicroelectronics TS93X Datasheet HTML 7Page - STMicroelectronics TS93X Datasheet HTML 8Page - STMicroelectronics TS93X Datasheet HTML 9Page - STMicroelectronics TS93X Datasheet HTML 10Page - STMicroelectronics TS93X Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
TS93x, TS93xA, TS93xB
Electrical characteristics
Doc ID 6911 Rev 5
7/17
Figure 7.
Output short-circuit current
vs. output voltage at VCC+ = 2.7 V
Figure 8.
Output short-circuit current
vs. output voltage at VCC+ = 3 V
v
Figure 9.
Output short-circuit current
vs. output voltage at VCC+ = 5 V
Figure 10.
Output short-circuit current
vs. output voltage at VCC+ = 10 V
v
Figure 11.
High level output voltage drop
vs. supply voltage
Figure 12.
Low level output voltage drop
vs. supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com