Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS93X Datasheet(PDF) 16 Page - STMicroelectronics

Part # TS93X
Description  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93X Datasheet(HTML) 16 Page - STMicroelectronics

Back Button TS93X Datasheet HTML 9Page - STMicroelectronics TS93X Datasheet HTML 10Page - STMicroelectronics TS93X Datasheet HTML 11Page - STMicroelectronics TS93X Datasheet HTML 12Page - STMicroelectronics TS93X Datasheet HTML 13Page - STMicroelectronics TS93X Datasheet HTML 14Page - STMicroelectronics TS93X Datasheet HTML 15Page - STMicroelectronics TS93X Datasheet HTML 16Page - STMicroelectronics TS93X Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
Revision history
TS93x, TS93xA, TS93xB
16/17
Doc ID 6911 Rev 5
5
Revision history
Table 11.
Document revision history
Date
Revision
Changes
01-Nov-2001
1
Initial release.
01-Dec-2004
2
Modified AMR values in Table 2 (explanation of Vid and Vi
limits).
04-May-2009
3
Document reformatted.
Removed DIP package information and order codes from
Chapter 3.
Modified temperature range: extended to -40 to +105° C in
Table 10: Order codes.
Added automotive grade products in Table 10.
07-Sep-2009
4
Added root part numbers (TS93xA, TS93xB) and
Table 1: Device summary on cover page.
Added parameters for full temperature range in Table 4 and in
Table 5.
07-Nov-2012
5
Updated Features (added SO-8, SO-14, and TSSOP-14
package).
Updated Table 2 (removed TSSOP8 package).
Removed TS934IYD and TS934AIYD order codes from
Table 10, qualified status of TS934IYDT and TS934AIYDT order
codes in Table 10.
Minor corrections throughout document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com