Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS93X Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS93X
Description  Output rail-to-rail micropower operational amplifiers
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS93X Datasheet(HTML) 2 Page - STMicroelectronics

  TS93X Datasheet HTML 1Page - STMicroelectronics TS93X Datasheet HTML 2Page - STMicroelectronics TS93X Datasheet HTML 3Page - STMicroelectronics TS93X Datasheet HTML 4Page - STMicroelectronics TS93X Datasheet HTML 5Page - STMicroelectronics TS93X Datasheet HTML 6Page - STMicroelectronics TS93X Datasheet HTML 7Page - STMicroelectronics TS93X Datasheet HTML 8Page - STMicroelectronics TS93X Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Absolute maximum ratings and operating conditions
TS93x, TS93xA, TS93xB
2/17
Doc ID 6911 Rev 5
1
Absolute maximum ratings and operating conditions
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltages values, except differential voltage are with respect to network terminal.
12
V
Vid
Differential input voltage(2)
2.
Differential voltages are non-inverting input terminal with respect to the inverting input terminal.
±VCC
V
Vin
Input voltage range(3)
3.
The magnitude of input and output voltages must never exceed VCC+ +0.3 V.
VCC- -0.3 to VCC+ +0.3
V
Iin
Input current range(4)
4.
Input current must be limited by a resistor in series with the inputs.
10
mA
Tstd
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
Thermal resistance junction-to-ambient(5)
– SOT23-5
–SO8
–SO14
– TSSOP14
5.
Short-circuits can cause excessive heating and destructive dissipation.
250
125
103
100
°C/W
ESD
HBM: human body model(6)
6.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor into pin of device.
2kV
MM: machine model(7)
7.
Machine model ESD: a 200 pF capacitor is charged to the specified voltage, then discharged directly into
the IC with no external series resistor (internal resistor < 5
Ω), into pin-to-pin of device.
200
V
CDM: charged device model(8)
8.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to ground through only one pin. This is done for all pins.
2kV
Latch-up immunity
200
mA
Soldering temperature (10 sec.), leaded version
250
°C
Table 3.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.7 to 10
V
Vicm
Common mode input voltage range
VCC- -0.2 to VCC+ -1.5
V
Toper
Operating free air temperature range
-40 to +105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com