Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTE1237 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1237
Description  Integrated Circuit AM Radio without Audio Stage
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1237 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1237 Datasheet HTML 1Page - NTE Electronics NTE1237 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1237
Integrated Circuit
AM Radio without Audio Stage
Features:
D Small External Part Count
D Tuning Meter Circuit
D Wide AGC Range
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
18V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation, PT
500mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VCC = 12V, f = 1MHz unless otherwise specified)
Parameter
Symbol
Test Conditions
Min Typ Max Unit
Maximum Sensitivity
MS
fM = 400Hz, MOD = 30%, Output=50mV
37.5 40.0 42.5
dB
Signal–to–Noise Ratio
S/N
fM = 400Hz, Input = 40dB/m
8
12
–
dB
MOD = 30%
Input = 74dB/m
42
45
–
dB
Total Harmonic Distortion
THD
fM = 400Hz
MOD = 30%, Input = 74dB/m
–
1.0
2.0
%
MOD = 80%, Input = 74dB/m
–
1.5
3.0
%
MOD = 30%, Input =120dB/m
–
2.5
10
%
Detector Voltage
VO(DET) fM = 400Hz, MOD = 30%, Input = 74dB/m
140
170
230 mW
Tuning Meter Circuit
TM
Input = 74dB/m
50
–
100
%
Quiescent Current
IQ
–
13
21
mA


Similar Part No. - NTE1237

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE123 NTE-NTE123 Datasheet
26Kb / 3P
Silicon NPN Transistor General Purpose Audio Amplifier, Switch
NTE1230 NTE-NTE1230 Datasheet
20Kb / 2P
Integrated Circuit FM Multiplex Stereo Demodulator
NTE1231 NTE-NTE1231 Datasheet
29Kb / 3P
Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1231A NTE-NTE1231A Datasheet
29Kb / 3P
Integrated Circuit Complete 4 Watt TV Sound Channel
NTE1232 NTE-NTE1232 Datasheet
25Kb / 3P
Integrated Circuit Audio Amplifier for Car Radio, 8W
More results

Similar Description - NTE1237

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1102 NTE-NTE1102 Datasheet
22Kb / 2P
Integrated Circuit 3 Stage Audio Amplifier
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
Integrated Circuit AM Tuner for Car Radio
NTE1624 NTE-NTE1624 Datasheet
24Kb / 4P
Integrated Circuit AM/FM Radio Circuit w/Power Amp
logo
NXP Semiconductors
TEA5592 PHILIPS-TEA5592 Datasheet
466Kb / 14P
AM/FM radio receiver circuit?
October 1990
TEA5594 PHILIPS-TEA5594 Datasheet
108Kb / 17P
AM/FM radio receiver circuit
March 1991
logo
Unisonic Technologies
UTC7642 UTC-UTC7642 Datasheet
23Kb / 2P
ONE CHIP AM RADIO CIRCUIT
logo
List of Unclassifed Man...
TBA570A ETC1-TBA570A Datasheet
576Kb / 14P
INTEGRATED AM/FM RADIO RECEIVER CIRCUIT
logo
NTE Electronics
NTE1494 NTE-NTE1494 Datasheet
79Kb / 2P
Integrated Circuit AM radio Receiver System
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
Integrated Circuit AM Tuner for Car Radio
logo
Tiger Electronic Co.,Lt...
CXA1691M TGS-CXA1691M Datasheet
2Mb / 10P
FM/AM RADIO CIRCUIT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com