Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LDRXXYY Datasheet(PDF) 1 Page - STMicroelectronics

Part # LDRXXYY
Description  VERY LOW DROP DUAL VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LDRXXYY Datasheet(HTML) 1 Page - STMicroelectronics

  LDRXXYY Datasheet HTML 1Page - STMicroelectronics LDRXXYY Datasheet HTML 2Page - STMicroelectronics LDRXXYY Datasheet HTML 3Page - STMicroelectronics LDRXXYY Datasheet HTML 4Page - STMicroelectronics LDRXXYY Datasheet HTML 5Page - STMicroelectronics LDRXXYY Datasheet HTML 6Page - STMicroelectronics LDRXXYY Datasheet HTML 7Page - STMicroelectronics LDRXXYY Datasheet HTML 8Page - STMicroelectronics LDRXXYY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1/13
August 2004
s
OUTPUT CURRENT 1 UP TO 500mA
s
OUTPUT CURRENT 2 UP TO 1.0A
s
LOW DROPOUT VOLTAGE 1
(0.3V @ IO =500mA)
s
LOW DROPOUT VOLTAGE 2
(0.4V @ IO =1A)
s
VERY LOW SUPPLY CURRENT (TYP.50µA
IN OFF MODE, 1.6mA MAX IN ON MODE)
s
LOGIC-CONTROLLED ELECTRONIC
SHUTDOWN
s
OUTPUT VOLTAGE AVAILABILITY FOR
EACH REGULATOR: 1.8V, 2.5V, 3.3V
s
INTERNAL CURRENT AND THERMAL LIMIT
s
STABLE WITH LOW VALUE (MIN 4.7µF)
AND LOW E.S.R. OUTPUT CAPACITORS
s
SUPPLY VOLTAGE REJECTION: 70dB (TYP.)
s
TEMPERATURE RANGE (-40°C TO 125°C)
DESCRIPTION
The LDRxxyy is a Very Low Drop Dual Voltage
Regulator available in PPAK for the version
without inhibit and in SPAK-7L for the version with
the shutdown feature. The very low drop-voltage
(0.5V) and the very low supply current make it
particularly suitable for low noise and low power
applications such as PDA, MICRODRIVE and
other data storage applications while the used
high
voltage
technology
makes
this
device
suitable
for
consumer
applications such
as
MONITORS AND SET-TOP-BOX. For each VO a
Shutdown Logic Control function is available (TTL
compatible)
to
decrease
the
total
power
consumption.
LDRxxyy
VERY LOW DROP
DUAL VOLTAGE REGULATOR
+
-
+
-
START UP 1
BAND GAP 1
DRIVER 1
POWER 1
THERMAL 1
THERMAL 2
START UP 2
BAND GAP 2
DRIVER 2
POWER 2
VO1
VO2
INH2
INH1
VI2
VI1
ERROR
AMPLIFIER 1
ERROR
AMPLIFIER 2
Figure 1: Block Diagram
PPAK
SPAK-7L
Rev. 2


Similar Part No. - LDRXXYY

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDR-03612 ETC2-LDR-03612 Datasheet
104Kb / 1P
Premiere Latching Duct
logo
Source Photonics, Inc.
LDR-F3-31Z-H-T-AM SOURCE-LDR-F3-31Z-H-T-AM Datasheet
517Kb / 4P
1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-H-T-AS SOURCE-LDR-F3-31Z-H-T-AS Datasheet
517Kb / 4P
1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-H-T-DM SOURCE-LDR-F3-31Z-H-T-DM Datasheet
517Kb / 4P
1310nm & 1550nm Laser Diode Module
LDR-F3-31Z-H-T-DS SOURCE-LDR-F3-31Z-H-T-DS Datasheet
517Kb / 4P
1310nm & 1550nm Laser Diode Module
More results

Similar Description - LDRXXYY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
logo
Infineon Technologies A...
TLE4470 INFINEON-TLE4470_08 Datasheet
277Kb / 24P
Dual Low-Drop Voltage Regulator Very low dropout
Rev. 1.2, 2008-03-20
logo
STMicroelectronics
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
CD00257532 STMICROELECTRONICS-CD00257532 Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
logo
STMicroelectronics
LDFM STMICROELECTRONICS-LDFM Datasheet
1Mb / 36P
500 mA very low drop voltage regulator
September 2016 Rev 4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com