Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYS9UG9553-R9-B01 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHYS9UG9553-R9-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYS9UG9553-R9-B01 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHYS9UG9553-R9-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Absolute Maximum Ratings at Ta=25 ℃
Typical Electrical & Optical Characteristics (Ta=25 ℃)
Viewing Angle
Luminous Intensity
Spectral Line Half-Width
Dominant Wavelength
Forward Voltage
Operating Temperature
Storage Temperature
Items
Parameter
Forward Current
Power Dissipation
Peak Forward Current
Duty 1/10@10KHz
Electrostatic Discharge
Reverse Current @5V
V
ESD
2θ 1/2
----
----
----
----
120
120
deg
IF=20mA
----
200
125
HYS
----
VF
△λ
----
1.7
1.7
Iv
λD
80
9UG
----
----
15
----
----
2.6
2.6
20
----
----
nm
V
----
----
----
120
574
587
mcd
nm
Symbol
Min.
Tstg
Topr
Max.
Typ.
UNIT
IF=20mA
IF=20mA
IF=20mA
IF=20mA
CONDITION
℃
℃
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Symbol
PD
Ir
IFP
IF
Ratings
UNIT
μA
mW
mA
mA
HYS
9UG
9UG
HYS
9UG
HYS
9UG
HYS
PART NO. LHYS9UG9553/R9-B01
3/12
Page
HYS
9UG
30
30
60
60
78
78
10
10
2000
2000
-40 ~ + 85
-40 ~ + 100
Note : 1.The forward voltage data did not including ±0.1V testing tolerance.
2.The luminous intensity data did not including ±15% testing tolerance.
3. The dominant wavelength data did not including ±1nm testing tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com