Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYS9UG9553-R9-B01 Datasheet(PDF) 13 Page - LIGITEK electronics co., ltd.

Part # LHYS9UG9553-R9-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYS9UG9553-R9-B01 Datasheet(HTML) 13 Page - LIGITEK electronics co., ltd.

Back Button LHYS9UG9553-R9-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 13Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
U.S.L x1.2
-
Vf
If=20mA
Forward Voltage
If=20mA
Vr=5V
2.L.S.L.:Lower Standard Level.
1.U.S.L.:Upper Standard Level.
Note:
Reverse Current
Luminous Intensity
Ir
Iv
-
L.S.L x 0.5
U.S.L x2.0
-
Test Conditions
1.Ta=105
hrs
1.Ta=Under Room Temperature As Per Data Sheet
Maximum Rating.
2.If=20mA
3.t=1000 hrs
2.Ta=105
±
℃
hrs
5
100
%~95
1.Ta=-40 ℃±5℃
2.t=1000 hrs
1.IR-Reflow In-Board,2 times
min) (
1.IR-Reflow In-Board, 2 Times
1.T.Sol=260 ℃±5℃
2.Dwell Time= 10 Max.
30mins
Cyeles
~
℃
(2)Criteria for judging the damage
Item
Symbol
Temperature
Cycling
0
1.105
2.10
High Temperature
High Humidity
Storage Test
Thermal Shock Test
Reflow Soldering Test
Environmental
Test
±
℃
-40
30
(
3.total
5
8
500
2.Ta=
4.t=
3.RH=90
Reliability Test:
(1)Test items and results
Test Item
Classification
Operating Life Test
High Temperature
Storage Test
Low Temperature
Storage Test
Endurance
Test
500
2.t=
Criteria for Judgement
Min.
℃
25
~ -
℃
40
5mins 30mins
1
Max.
22
℃
30min)
cycles
5℃
±2hrs
%
±5℃&
℃
22
22
22
Sample
Size
Test Condition
5℃
±
℃
22
22
22
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
PART NO. LHYS9UG9553/R9-B01
12/12
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com