Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYS9UG9553-R9-B01 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LHYS9UG9553-R9-B01
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYS9UG9553-R9-B01 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LHYS9UG9553-R9-B01 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYS9UG9553-R9-B01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Luminous Intensity Classification
PART NO. LHYS9UG9553/R9-B01
4/12
Page
Iv(mcd) at 20mA
BIN CODE
Min.
Max.
Dominant Wavelength Classification
λD(nm) at 20mA
BIN CODE
Min.
Max.
Iv(mcd) at 20mA
BIN CODE
Min.
Max.
λD(nm) at 20mA
BIN CODE
Min.
Max.
HYS
R125
200
S
200
320
T320
500
U500
800
9UG
Q
80
125
R125
200
S200
320
T
320
500
HYS
15
585
587
16
587
589
17-1
589
590
17-2
590
591
17-3
591
592
18
592
595
9UG
6566
568
7568
570
8-1
570
571
8-2
571
572
9572
574
10
574
576



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com