Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYRDBK2093-R21 Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHYRDBK2093-R21
Description  DUAL COLOR LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYRDBK2093-R21 Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHYRDBK2093-R21 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Luminous Intensity(mcd) at 10 mA
Max.
1500
1100
Min.
1100
900
A22
A21
Group
2200
2700
1800
2200
A24
A25
A23
1800
1500
HYR CHIP
Color
Code
Page 3/10
Brightness Code For Standard LED Lamps
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
HYR CHIP
PART NO. LHYRDBK2093/R21
Bin
Code
Dominant wave lengthλD (nm) at 10 mA
585
589
587
589
592
587
Min.
Max.
Group
15
17
16
592
595
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com