Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYRDBK2093-R21 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LHYRDBK2093-R21
Description  DUAL COLOR LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYRDBK2093-R21 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

Back Button LHYRDBK2093-R21 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 11Page - LIGITEK electronics co., ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
1000
100
10
1
5.0
4.0
3.0
1.0
2.0
400
0.0
Wavelength (nm)
450
500
550
0.5
Ambient Temperature(
℃)
Fig.5 Relative Intensity vs. Wavelength
1.0
-20
0.8
-40
0.9
40
0
20
60
80
100
1.1
1.0
1.2
Fig.3 Forward Voltage vs. Temperature
Forward Voltage(V)
1.0
Ambient Temperature(
℃)
Fig.6 Directivity Radiation
40
0.0
-40
-200
20
0.5
60
80
100
1.5
2.0
2.5
3.0
Fig.4 Relative Intensity vs. Temperature
Forward Current(mA)
Typical Electro-Optical Characteristics Curve
1
0 1
10
Fig.1 Forward current vs. Forward Voltage
100
1000
DBK CHIP
2.0
0.0
0.5
1.0
1.5
Fig.2 Relative Intensity vs. Forward Current
3.0
2.5
Page 7/10
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LHYRDBK2093/R21
PART NO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com