Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHYRDBK2093-R21 Datasheet(PDF) 3 Page - LIGITEK electronics co., ltd.

Part # LHYRDBK2093-R21
Description  DUAL COLOR LED LAMPS
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHYRDBK2093-R21 Datasheet(HTML) 3 Page - LIGITEK electronics co., ltd.

  LHYRDBK2093-R21 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHYRDBK2093-R21 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
℃
Tstg
-40 ~ +100
Storage Temperature
LHYRDBK2093/R21
Water clear
Note : 1.The forward voltage data did not including
±0.1V testing tolerance.
2. The luminous intensity data did not including
±15% testing tolerance.
InGaN
Blue
462
30
4.0
3.0
1500
450
60
Typical Electrical & Optical Characteristics (Ta=25
℃)
PART NO
Spectral
halfwidth
△λnm
Dominant
wave
length
λDnm
COLOR
Emitted
AlGaInP
Yellow
MATERIAL
Lens
585
20
Viewing
angle
2
θ 1/2
(deg)
Forward
voltage
@10mA(V)
Luminous
intensity
@10mA(mcd)
Max.
Min.
Min.
1.7
2.6
900
2700
60
Electrostatic Discharge( * )
Operating Temperature
Forward Current
Reverse Current @5V
Peak Forward Current
Duty 1/10@10KHz
Power Dissipation
Absolute Maximum Ratings at Ta=25
℃
IFP
100
60
mA
-40 ~ +85
Topr
Ir
PD
120
ESD
μA
℃
10
V
mW
78
500
Ratings
Parameter
Symbol
IF
30
DBK
UNIT
mA
30
HYR
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Page 2/10
PART NO. LHYRDBK2093/R21
2000
50
-20 ~ +80
-30 ~ +100
474
595
Min. Max.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com