Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHRF9UG3392-R1-PF Datasheet(PDF) 4 Page - LIGITEK electronics co., ltd.

Part # LHRF9UG3392-R1-PF
Description  DURL COLOR LED LAMPS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LHRF9UG3392-R1-PF Datasheet(HTML) 4 Page - LIGITEK electronics co., ltd.

  LHRF9UG3392-R1-PF Datasheet HTML 1Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 2Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 3Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 4Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 5Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 6Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 7Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 8Page - LIGITEK electronics co., ltd. LHRF9UG3392-R1-PF Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
120
90
A12
A13
120
160
A10
A11
65
50
65
90
Luminous Intensity(mcd) at 20 mA
Group
Min.
Max.
HRF CHIP
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
LHRF9UG3392/R1-PF
Brightness Code For Standard LED Lamps
PART NO.
3/9
Page
A8
A9
28
38
38
50



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com